Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 7Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 8Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 9Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 10Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 11Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 13Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 14Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 9
PIC16F688
TABLE 2-1:
PIC16F688 SPECIAL REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20, 117
01h
TMR0
Timer0 Module’s register
xxxx xxxx
45, 117
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19, 117
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
13, 117
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
20, 117
05h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--x0 x000
33, 117
06h
—
Unimplemented
—
—
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx 0000
42, 117
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
19, 117
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF(2)
0000 000x
15, 117
0Ch
PIR1
EEIF
ADIF
RCIF
C2IF
C1IF
OSFIF
TXIF
TMR1IF
0000 0000
17, 117
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
48, 117
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
48, 117
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
51, 117
11h
BAUDCTL
ABDOVF
RCIDL
—
SCKP
BRG16
—WUE
ABDEN
01-0 0-00
94, 117
12h
SPBRGH
USART Baud Rate High Generator
0000 0000
95, 117
13h
SPBRG
USART Baud Rate Generator
0000 0000
95, 117
14h
RCREG
USART Receive Register
0000 0000
87, 117
15h
TXREG
USART Transmit Register
0000 0000
87, 117
16h
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
92, 117
17h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
93, 117
18h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
---0 1000
124, 117
19h
CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
61, 117
1Ah
CMCON1
—
—
—
—
—
—
T1GSS
C2SYNC
---- --10
62, 117
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH
Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
72, 117
1Fh
ADCON0
ADFM
VCFG
—
CHS2
CHS1
CHS0
GO/DONE
ADON
00-0 0000
71, 117
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset does not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the
mismatched exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com