Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/ST Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 183Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 184Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 185Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 186Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 187Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 188Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 189Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 190Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 185
PIC16F688
16.0
PACKAGING INFORMATION
16.1
Package Marking Information
14-Lead PDIP (Skinny DIP)
*
Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F688
0610017
14-Lead SOIC (3.90 mm)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16C688
-I/SL
0610017
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
688/ST
0610
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXX
16-Lead QFN
XXXXXX
YWWNNN
16F688
Example
-I/ML
610017
3
e
3
e
3
e
3
e
-I/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com