Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 17Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 18Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 19Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 20Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 21Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 22Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 23Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 20
© 2009 Microchip Technology Inc.
4.2.2
SPECIAL FUNCTION REGISTERS
The SFRs are registers used by the CPU and Periph-
eral functions for controlling the desired operation of
the device (Table 4-3). These registers are static RAM.
The special registers can be classified into two sets
(core and peripheral). The SFRs associated with the
“core” functions are described in this section. Those
related to the operation of the peripheral features are
described in the section of that peripheral feature.
TABLE 4-3:
SPECIAL REGISTERS SUMMARY BANK0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset(1)
Details
on Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
30
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
47
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
30
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
24
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
30
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx 0000
33
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
38
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
30
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
26
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
0000 -000
28
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
50
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
50
10h
T1CON
—
—
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
--00 0000
50
11h
TMR2
TMR2 Module’s Register
0000 0000
54
12h
T2CON
—
TOUTPS3
TOUTPS2 TOUTPS1
TOUTPS0 TMR2ON T2CKPS1
T2CKPS0 -000 0000
54
13h
—
Unimplemented
—
—
14h
—
Unimplemented
—
—
15h
CCPR1L
Capture/Compare/PWM Register (LSB)
xxxx xxxx
57
16h
CCPR1H
Capture/Compare/PWM Register (MSB)
xxxx xxxx
57
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
57
18h
RCSTA
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR
RX9D
0000 000x
74
19h
TXREG
USART Transmit Data Register
0000 0000
79
1Ah
RCREG
USART Receive Data Register
0000 0000
82
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
—
Unimplemented
—
—
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
63
Legend:
-
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
For the initialization condition for registers tables, refer to Table 14-6 and Table 14-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com