Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-I/SS Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F628A-I/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/SS Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F628A-I/SS Datasheet HTML 3Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 4Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 5Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 6Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 7Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 8Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 9Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 10Page - Microchip Technology PIC16F628A-I/SS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 7
PIC16F627A/628A/648A
1.0
GENERAL DESCRIPTION
The PIC16F627A/628A/648A are 18-pin Flash-based
members of the versatile PIC16F627A/628A/648A
family of low-cost, high-performance, CMOS, fully-
static, 8-bit microcontrollers.
All PIC® microcontrollers employ an advanced RISC
architecture.
The
PIC16F627A/628A/648A
have
enhanced core features, an eight-level deep stack, and
multiple internal and external interrupt sources. The
separate instruction and data buses of the Harvard
architecture allow a 14-bit wide instruction word with
the separate 8-bit wide data. The two-stage instruction
pipeline allows all instructions to execute in a single-
cycle, except for program branches (which require two
cycles). A total of 35 instructions (reduced instruction
set) are available, complemented by a large register
set.
PIC16F627A/628A/648A
microcontrollers
typically
achieve a 2:1 code compression and a 4:1 speed
improvement over other 8-bit microcontrollers in their
class.
PIC16F627A/628A/648A devices have integrated
features to reduce external components, thus reducing
system cost, enhancing system reliability and reducing
power consumption.
The
PIC16F627A/628A/648A
has
8
oscillator
configurations. The single-pin RC oscillator provides a
low-cost solution. The LP oscillator minimizes power
consumption, XT is a standard crystal, and INTOSC is
a self-contained precision two-speed internal oscillator.
The HS mode is for High-Speed crystals. The EC mode
is for an external clock source.
The Sleep (Power-down) mode offers power savings.
Users can wake-up the chip from Sleep through several
external interrupts, internal interrupts and Resets.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software lock-
up.
Table 1-1 shows the features of the PIC16F627A/628A/
648A mid-range microcontroller family.
A simplified block diagram of the PIC16F627A/628A/
648A is shown in Figure 3-1.
The PIC16F627A/628A/648A series fits in applications
ranging from battery chargers to low power remote
sensors. The Flash technology makes customizing
application programs (detection levels, pulse genera-
tion, timers, etc.) extremely fast and convenient. The
small footprint packages makes this microcontroller
series ideal for all applications with space limitations.
Low cost, low power, high performance, ease of use
and I/O flexibility make the PIC16F627A/628A/648A
very versatile.
1.1
Development Support
The PIC16F627A/628A/648A family is supported by a
full-featured macro assembler, a software simulator, an
in-circuit emulator, a low cost in-circuit debugger, a low
cost development programmer and a full-featured
programmer. A Third Party “C” compiler support tool is
also available.
TABLE 1-1:
PIC16F627A/628A/648A FAMILY OF DEVICES
PIC16F627A
PIC16F628A
PIC16F648A
PIC16LF627A
PIC16LF628A
PIC16LF648A
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
Flash Program
Memory (words)
1024
2048
4096
1024
2048
4096
Memory
RAM Data Memory
(bytes)
224
224
256
224
224
256
EEPROM Data
Memory (bytes)
128
128
256
128
128
256
Timer module(s)
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
Comparator(s)
222222
Peripherals Capture/Compare/
PWM modules
111111
Serial Communications
USART
USART
USART
USART
USART
USART
Internal Voltage
Reference
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt Sources
101010101010
I/O Pins
16
16
16
16
16
16
Features
Voltage Range (Volts)
3.0-5.5
3.0-5.5
3.0-5.5
2.0-5.5
2.0-5.5
2.0-5.5
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
All PIC® family devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect and high I/O current capability.
All PIC16F627A/628A/648A family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com