Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 24Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 25Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 26Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 27Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 28Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 29Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 30Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 31Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 28
© 2009 Microchip Technology Inc.
4.2.2.5
PIR1 Register
This register contains interrupt flag bits.
REGISTER 4-5:
PIR1 – PERIPHERAL INTERRUPT REGISTER 1 (ADDRESS: 0Ch)
Note:
Interrupt flag bits get set when an interrupt
condition occurs regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON<7>). User
software should ensure the appropriate
interrupt flag bits are clear prior to
enabling an interrupt.
R/W-0
R/W-0
R-0
R-0
U-0
R/W-0
R/W-0
R/W-0
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
bit 7
bit 0
bit 7
EEIF:
EEPROM Write Operation Interrupt Flag bit
1
= The write operation completed (must be cleared in software)
0
= The write operation has not completed or has not been started
bit 6
CMIF
: Comparator Interrupt Flag bit
1
= Comparator output has changed
0
= Comparator output has not changed
bit 5
RCIF
: USART Receive Interrupt Flag bit
1
= The USART receive buffer is full
0
= The USART receive buffer is empty
bit 4
TXIF
: USART Transmit Interrupt Flag bit
1
= The USART transmit buffer is empty
0
= The USART transmit buffer is full
bit 3
Unimplemented
: Read as ‘0’
bit 2
CCP1IF
: CCP1 Interrupt Flag bit
Capture Mode
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare Mode
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM Mode
Unused in this mode
bit 1
TMR2IF
: TMR2 to PR2 Match Interrupt Flag bit
1
= TMR2 to PR2 match occurred (must be cleared in software)
0
= No TMR2 to PR2 match occurred
bit 0
TMR1IF
: TMR1 Overflow Interrupt Flag bit
1
= TMR1 register overflowed (must be cleared in software)
0
= TMR1 register did not overflow
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com