| Electronic Components Datasheet Search |
|
PIC16F628A-E/SS Datasheet(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F628A-E/SS Datasheet(HTML) 83 Page - Microchip Technology |
|
83 / 180 page ![]() © 2009 Microchip Technology Inc. DS40044G-page 83 PIC16F627A/628A/648A FIGURE 12-5: ASYNCHRONOUS RECEPTION WITH ADDRESS DETECT FIGURE 12-6: ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST FIGURE 12-7: ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST FOLLOWED BY VALID DATA BYTE Start bit bit 1 bit 0 bit 8 bit 0 Stop bit Start bit bit 8 Stop bit RB1/RX/DT (Pin) RCV Buffer Reg RCV Shift Reg Read RCV Buffer Reg RCREG RCIF (interrupt flag) Word 1 RCREG bit 8 = 0, Data Byte bit 8 = 1, Address Byte ADEN = 1 (Address Match Enable) ‘1’ ‘1’ Note: This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG (Receive Buffer) because ADEN = 1 and bit 8 = 0. Start bit bit 1 bit 0 bit 8 bit 0 Stop bit Start bit bit 8 Stop bit RB1/RX/DT (pin) RCV Buffer Reg RCV Shift Reg Read RCV Buffer Reg RCREG RCIF (Interrupt Flag) Word 1 RCREG bit 8 = 1, Address Byte bit 8 = 0, Data Byte ADEN = 1 (Address Match Enable) ‘1’ ‘1’ Note: This timing diagram shows an address byte followed by an data byte. The data byte is not read into the RCREG (receive buffer) because ADEN was not updated (still = 1) and bit 8 = 0. Start bit bit 1 bit 0 bit 8 bit 0 Stop bit Start bit bit 8 Stop bit RB1/RX/DT (pin) Reg RCV Buffer Reg RCV Shift Read RCV Buffer Reg RCREG RCIF (Interrupt Flag) Word 2 RCREG bit 8 = 1, Address Byte bit 8 = 0, Data Byte ADEN (Address Match Enable) Word 1 RCREG Note: This timing diagram shows an address byte followed by an data byte. The data byte is read into the RCREG (Receive Buffer) because ADEN was updated after an address match, and was cleared to a ‘0’, so the contents of the Receive Shift Register (RSR) are read into the Receive Buffer regardless of the value of bit 8. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |