Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 124Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 125Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 126Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 127Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 128Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 129Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 130Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 131Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 128
© 2009 Microchip Technology Inc.
RRF
Rotate Right f through Carry
Syntax:
[ label ] RRF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
00
1100
dfff
ffff
Description:
The contents of register ‘f’ are
rotated one bit to the right
through the Carry Flag. If ‘d’ is
‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
placed back in register ‘f’.
Words:
1
Cycles:
1
Example
RRF
REG1, 0
Before Instruction
REG1 = 1110 0110
C
=0
After Instruction
REG1 = 1110 0110
W
= 0111 0011
C
=0
SLEEP
Syntax:
[ label ] SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT prescaler,
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0011
Description:
The power-down Status bit, PD
is cleared. Time out Status bit,
TO is set. Watchdog Timer and
its prescaler are cleared.
The processor is put into Sleep
mode with the oscillator
stopped. See Section 14.8
“Power-Down Mode (Sleep)”
for more details.
Words:
1
Cycles:
1
Example:
SLEEP
REGISTER F
C
SUBLW
Subtract W from Literal
Syntax:
[ label ]SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k - (W)
→ (W)
Status
Affected:
C, DC, Z
Encoding:
11
110x
kkkk
kkkk
Description:
The W register is subtracted (2’s
complement method) from the eight-
bit literal ‘k’. The result is placed in
the W register.
Words:
1
Cycles:
1
Example 1:
SUBLW
0x02
Before Instruction
W= 1
C= ?
After Instruction
W= 1
C= 1; result is positive
Example 2:
Before Instruction
W= 2
C= ?
After Instruction
W= 0
C= 1; result is zero
Example 3:
Before Instruction
W= 3
C= ?
After Instruction
W= 0xFF
C = 0; result is negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com