Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628A-E/SS Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC16F628A-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 136Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 137Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 138Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 139Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 140Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 141Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 142Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 143Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 180 page
background image
PIC16F627A/628A/648A
DS40044G-page 140
© 2009 Microchip Technology Inc.
17.4
DC Characteristics:
PIC16F627A/628A/648A (Industrial, Extended)
PIC16LF627A/628A/648A (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial and
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC specification Table 17-2 and
Table 17-3
Param.
No.
Sym
Characteristic/Device
Min
Typ†
Max
Unit
Conditions
VIL
Input Low Voltage
D030
D031
D032
D033
I/O ports
with TTL buffer
with Schmitt Trigger input(4)
MCLR, RA4/T0CKI,OSC1
(in RC mode)
OSC1 (in HS)
OSC1 (in LP and XT)
VSS
VSS
VSS
VSS
VSS
VSS
—
—
—
—
—
—
0.8
0.15 VDD
0.2 VDD
0.2 VDD
0.3 VDD
0.6
V
V
V
V
V
V
VDD = 4.5V to 5.5V
otherwise
(Note1)
VIH
Input High Voltage
D040
D041
D042
D043
D043A
D043B
I/O ports
with TTL buffer
with Schmitt Trigger input(4)
MCLR RA4/T0CKI
OSC1 (XT and LP)
OSC1 (in RC mode)
OSC1 (in HS mode)
2.0V
.25 VDD + 0.8V
0.8 VDD
0.8 VDD
1.3
0.9 VDD
0.7 VDD
—
—
—
—
—
—
VDD
VDD
VDD
VDD
VDD
VDD
VDD
V
V
V
V
V
V
V
VDD = 4.5V to 5.5V
otherwise
(Note1)
D070
IPURB
PORTB weak pull-up
current
50
200
400
μAVDD = 5.0V, VPIN = VSS
IIL
Input Leakage Current(2), (3)
D060
D061
D063
I/O ports (Except PORTA)
PORTA(4)
RA4/T0CKI
OSC1, MCLR
—
—
—
—
—
—
—
—
±1.0
±0.5
±1.0
±5.0
μA
μA
μA
μA
VSS
≤ VPIN ≤ VDD, pin at high-impedance
VSS
≤ VPIN ≤ VDD, pin at high-impedance
VSS
≤ VPIN ≤ VDD
VSS
≤ VPIN ≤ VDD, XT, HS and LP
oscillator configuration
VOL
Output Low Voltage
D080
I/O ports(4)
—
—
—
—
0.6
0.6
V
V
IOL = 8.5 mA, VDD = 4.5 V, -40
° to +85°C
IOL = 7.0 mA, VDD = 4.5 V, +85
° to
+125
°C
VOH
Output High Voltage(3)
D090
I/O ports (Except RA4(4) )VDD – 0.7
VDD – 0.7
—
—
—
—
V
V
IOH = -3.0 mA, VDD = 4.5 V, -40
° to +85°C
IOH = -2.5 mA, VDD = 4.5 V, +85
° to
+125
°C
D150
VOD
Open-Drain High Voltage
—
—
8.5*
V
RA4 pin PIC16F627A/628A/648A,
PIC16LF627A/628A/648A
Capacitive Loading Specs on Output Pins
D100*
D101*
COSC2
CIO
OSC2 pin
All I/O pins/OSC2 (in RC mode)
—
—
—
—
15
50
pF
pF
In XT, HS and LP modes when external
clock used to drive OSC1.
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the PIC16F627A/628A/648A
be driven with external clock in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels represent normal
operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as coming out of the pin.
4:
Includes OSC1 and OSC2 when configured as I/O pins, CLKIN or CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com