Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-I/ML Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 173Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 174Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 175Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 176Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 177Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 178Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 179Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 180Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 177
PIC18F2480/2580/4480/4580
17.0 ENHANCED
CAPTURE/COMPARE/PWM
(ECCP) MODULE
In PIC18F4480/4580 devices, ECCP1 is implemented
as a standard CCP module with Enhanced PWM
capabilities. These include the provision for 2 or
4 output channels, user-selectable polarity, dead-band
control and automatic shutdown and restart. The
Enhanced features are discussed in detail in
Section 17.4 “Enhanced PWM Mode”. Capture,
Compare and single-output PWM functions of the
ECCP module are the same as described for the
standard CCP module.
The control register for the Enhanced CCP module is
shown in Register 17-1. It differs from the CCP1CON
register in PIC18F2480/2580 devices in that the two
Most Significant bits are implemented to control PWM
functionality.
Note:
The ECCP1 module is implemented only
in PIC18F4X80 (40/44-pin) devices.
REGISTER 17-1:
ECCP1CON REGISTER (ECCP1 MODULE, PIC18F4480/4580 DEVICES)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EPWM1M1
EPWM1M0
EDC1B1
EDC1B0
ECCP1M3
ECCP1M2
ECCP1M1
ECCP1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
EPWM1M<1:0>: Enhanced PWM Output Configuration bits
If ECCP1M<3:2> = 00, 01, 10:
xx = P1A assigned as Capture/Compare input/output; P1B, P1C, P1D assigned as port pins
If ECCP1M<3:2> = 11:
00 = Single output: P1A modulated; P1B, P1C, P1D assigned as port pins
01 = Full-bridge output forward: P1D modulated; P1A active; P1B, P1C inactive
10 = Half-bridge output: P1A, P1B modulated with dead-band control; P1C, P1D assigned as port pins
11 = Full-bridge output reverse: P1B modulated; P1C active; P1A, P1D inactive
bit 5-4
EDC1B<1:0>: ECCP1 Module PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the 10-bit PWM duty cycle. The eight MSbs of the duty cycle are found
in ECCPR1L.
bit 3-0
ECCP1M<3:0>: Enhanced CCP1 Mode Select bits
0000 = Capture/Compare/PWM off (resets ECCP1 module)
0001 = Reserved
0010 = Compare mode; toggle output on match
0011 = Reserved
0100 = Capture mode; every falling edge
0101 = Capture mode; every rising edge
0110 = Capture mode; every 4th rising edge
0111 = Capture mode; every 16th rising edge
1000 = Compare mode; initialize ECCP1 pin low; set output on compare match (set ECCP1IF)
1001 = Compare mode; initialize ECCP1 pin high; clear output on compare match (set ECCP1IF)
1010 = Compare mode; generate software interrupt only; ECCP1 pin reverts to I/O state
1011 = Compare mode; trigger special event (ECCP1 resets TMR1 or TMR3, sets ECCP1IF bit and
starts the A/D conversion on ECCP1 match)
1100 = PWM mode; P1A, P1C active-high; P1B, P1D active-high
1101 = PWM mode; P1A, P1C active-high; P1B, P1D active-low
1110 = PWM mode; P1A, P1C active-low; P1B, P1D active-high
1111 = PWM mode; P1A, P1C active-low; P1B, P1D active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com