Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-I/ML Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 174Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 175Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 176Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 177Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 178Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 179Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 180Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 181Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 178
© 2009 Microchip Technology Inc.
In addition to the expanded range of modes available
through the CCP1CON register, the ECCP module has
two additional registers associated with Enhanced
PWM operation and auto-shutdown features. They are:
• ECCP1DEL (Dead-Band Delay)
• ECCP1AS (Auto-Shutdown Control)
17.1
ECCP Outputs and Configuration
The Enhanced CCP module may have up to four PWM
outputs, depending on the selected operating mode.
These outputs, designated P1A through P1D, are
multiplexed with I/O pins on PORTC and PORTD. The
outputs that are active depend on the CCP operating
mode selected. The pin assignments are summarized
in Table 17-1.
To configure the I/O pins as PWM outputs, the proper
PWM mode must be selected by setting the
EPWM1M<1:0> and CCP1M<3:0> bits. The appropriate
TRISC and TRISD direction bits for the port pins must
also be set as outputs.
17.1.1
ECCP MODULES AND TIMER
RESOURCES
Like the standard CCP modules, the ECCP module can
utilize Timers 1, 2 or 3, depending on the mode
selected. Timer1 and Timer3 are available for modules
in Capture or Compare modes, while Timer2 is
available for modules in PWM mode. Interactions
between the standard and Enhanced CCP modules are
identical to those described for standard CCP modules.
Additional details on timer resources are provided in
Section 16.1.1
“CCP
Modules
and
Timer
Resources”.
17.2
Capture and Compare Modes
Except for the operation of the Special Event Trigger
discussed below, the Capture and Compare modes of
the ECCP1 module are identical in operation to that of
CCP1. These are discussed in detail in Section 16.2
“Capture Mode” and Section 16.3 “Compare
Mode”.
17.2.1
SPECIAL EVENT TRIGGER
The Special Event Trigger output of ECCP1 resets the
TMR1 or TMR3 register pair, depending on which timer
resource is currently selected. This allows the ECCP1
register to effectively be a 16-bit programmable period
register for Timer1 or Timer3. The Special Event
Trigger for ECCP1 can also start an A/D conversion. In
order to start the conversion, the A/D Converter must
be previously enabled.
17.3
Standard PWM Mode
When configured in Single Output mode, the ECCP
module functions identically to the standard CCP
module in PWM mode, as described in Section 16.4
“PWM Mode”. This is also sometimes referred to as
“Compatible CCP” mode, as in Table 17-1.
TABLE 17-1:
PIN ASSIGNMENTS FOR VARIOUS ECCP MODES
Note:
When setting up single output PWM opera-
tions, users are free to use either of the
processes described in Section 16.4.4
“Setup
for
PWM
Operation”
or
Section 17.4.9 “Setup for PWM Opera-
tion”. The latter is more generic, but will
work for either single or multi-output PWM.
ECCP Mode
CCP1CON
Configuration
RD4
RD5
RD6
RD7
All PIC18F4480/4580 Devices:
Compatible CCP
00xx 11xx
CCP1
RD5/PSP5
RD6/PSP6
RD7/PSP7
Dual PWM
10xx 11xx
P1A
P1B
RD6/PSP6
RD7/PSP7
Quad PWM
x1xx 11xx
P1A
P1B
P1C
P1D
Legend: x = Don’t care. Shaded cells indicate pin assignments not used by ECCP1 in a given mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com