Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE518-04/IP Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 46Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 47Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 48Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 49Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 50Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 51Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 52Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
PIC12C5XX
DS40139E-page 50
© 1999 Microchip Technology Inc.
BSF
Bit Set f
Syntax:
[
label ] BSF
f,b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Encoding:
0101
bbbf
ffff
Description:
Bit ’b’ in register ’f’ is set.
Words:
1
Cycles:
1
Example:
BSF
FLAG_REG,
7
Before Instruction
FLAG_REG = 0x0A
After Instruction
FLAG_REG = 0x8A
BTFSC
Bit Test f, Skip if Clear
Syntax:
[
label ] BTFSC f,b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
0110
bbbf
ffff
Description:
If bit ’b’ in register ’f’ is 0 then the next
instruction is skipped.
If bit ’b’ is 0 then the next instruction
fetched during the current instruction
execution is discarded, and an NOP is
executed instead, making this a 2 cycle
instruction.
Words:
1
Cycles:
1(2)
Example:
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction
PC
=
address (HERE)
After Instruction
if FLAG<1>=0,
PC
=
address (TRUE);
if FLAG<1>=1,
PC
=
address(FALSE)
BTFSS
Bit Test f, Skip if Set
Syntax:
[
label ] BTFSS f,b
Operands:
0
≤ f ≤ 31
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
0111
bbbf
ffff
Description:
If bit ’b’ in register ’f’ is ’1’ then the next
instruction is skipped.
If bit ’b’ is ’1’, then the next instruction
fetched during the current instruction
execution, is discarded and an NOP is
executed instead, making this a 2 cycle
instruction.
Words:
1
Cycles:
1(2)
Example:
HERE
BTFSS
FLAG,1
FALSE
GOTO
PROCESS_CODE
TRUE
•
•
•
Before Instruction
PC
=
address (HERE)
After Instruction
If FLAG<1>
=
0,
PC
=
address (FALSE);
if FLAG<1>=1,
PC
=
address (TRUE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com