Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE518-04/IP Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 78Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 79Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 80Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 81Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 82Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 83Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 84Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 85Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
PIC12C5XX
DS40139E-page 82
© 1999 Microchip Technology Inc.
13.3
DC CHARACTERISTICS:
PIC12C508A/509A (Commercial, Industrial, Extended)
PIC12C518/519 (Commercial, Industrial, Extended)
PIC12CR509A (Commercial, Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0°C
≤ TA ≤ +70°C (commercial)
–40°C
≤ TA ≤ +85°C (industrial)
–40°C
≤ TA ≤ +125°C (extended)
Operating voltage VDD range as described in DC spec Section 13.1 and
Section 13.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
-
0.8V
V
For 4.5V
≤ VDD ≤ 5.5V
VSS
-
0.15VDD
V
otherwise
D031
with Schmitt Trigger buffer
VSS
-0.2VDD
V
D032
MCLR, GP2/T0CKI (in EXTRC mode)
VSS
-0.2VDD
V
D033
OSC1 (in EXTRC mode)
VSS
-0.2VDD
Note 1
D033
OSC1 (in XT and LP)
VSS
-0.3VDD
V
Note 1
Input High Voltage
I/O ports
VIH
-
D040
with TTL buffer
0.25VDD +
0.8V
-VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
2.0V
-
VDD
V
otherwise
D041
with Schmitt Trigger buffer
0.8VDD
-VDD
V
For entire VDD range
D042
MCLR, GP2/T0CKI
0.8VDD
-VDD
V
D042A OSC1 (XT and LP)
0.7VDD
-VDD
V
Note 1
D043
OSC1 (in EXTRC mode)
0.9VDD
-VDD
V
D070
GPIO weak pull-up current (Note 4)
IPUR
30
250
400
µAVDD = 5V, VPIN = VSS
MCLR pull-up current
-
-
-
30
µAVDD = 5V, VPIN = VSS
Input Leakage Current (Notes 2, 3)
D060
I/O ports
IIL
--
+1
µA Vss ≤ VPIN ≤ VDD, Pin at hi-
impedance
D061
T0CKI
-
-
+5
µA Vss ≤ VPIN ≤ VDD
D063
OSC1
-
-
+5
µA Vss ≤ VPIN ≤ VDD, XT and LP osc
configuration
Output Low Voltage
D080
I/O ports
VOL
--
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
–40
°C to +85°C
D080A
-
-
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
–40
°C to +125°C
Output High Voltage
D090
I/O ports (Note 3)
VOH
VDD - 0.7
--V
IOH = -3.0 mA, VDD = 4.5V,
–40
°C to +85°C
D090A
VDD - 0.7
--V
IOH = -2.5 mA, VDD = 4.5V,
–40
°C to +125°C
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
-
-
15
pF
In XT and LP modes when exter-
nal clock is used to drive OSC1.
D101
All I/O pins
CIO
-
-
50
pF
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC12C5XX be driven with external clock in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as coming out of the pin.
4:
This spec. applies when GP3/MCLR is configured as MCLR. The leakage current of the MCLR circuit is higher than the
standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com