Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE519-04/EP Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC12CE519-04/EP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/EP Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC12CE519-04/EP Datasheet HTML 36Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 37Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 38Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 39Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 40Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 41Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 42Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 43Page - Microchip Technology PIC12CE519-04/EP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
PIC12C5XX
DS40139E-page 40
© 1999 Microchip Technology Inc.
8.3.1
MCLR ENABLE
This configuration bit when unprogrammed (left in the
‘1’ state) enables the external MCLR function. When
programmed, the MCLR function is tied to the internal
VDD, and the pin is assigned to be a GPIO. See
Figure 8-7. When pin GP3/MCLR/VPP is configured as
MCLR, the internal pull-up is always on.
FIGURE 8-7:
MCLR SELECT
8.4
Power-On Reset (POR)
The PIC12C5XX family incorporates on-chip Power-
On Reset (POR) circuitry which provides an internal
chip reset for most power-up situations.
The on-chip POR circuit holds the chip in reset until
VDD has reached a high enough level for proper opera-
tion. To take advantage of the internal POR, program
the GP3/MCLR/VPP pin as MCLR and tie through a
resistor to VDD or program the pin as GP3. An internal
weak pull-up resistor is implemented using a transistor.
Refer to Table 11-1 for the pull-up resistor ranges. This
will eliminate external RC components usually needed
to create a Power-on Reset. A maximum rise time for
VDD is specified. See Electrical Specifications for
details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating parameters are
met.
A simplified block diagram of the on-chip Power-On
Reset circuit is shown in Figure 8-8.
GP3/MCLR/VPP
MCLRE
INTERNAL MCLR
WEAK
PULL-UP
The Power-On Reset circuit and the Device Reset
Timer (Section 8.5) circuit are closely related. On
power-up, the reset latch is set and the DRT is reset.
The DRT timer begins counting once it detects MCLR
to be high. After the time-out period, which is typically
18 ms, it will reset the reset latch and thus end the on-
chip reset signal.
A power-up example where MCLR is held low is
shown in Figure 8-9. VDD is allowed to rise and
stabilize before bringing MCLR high. The chip will
actually come out of reset TDRT msec after MCLR
goes high.
In Figure 8-10, the on-chip Power-On Reset feature is
being used (MCLR and VDD are tied together or the
pin is programmed to be GP3.). The VDD is stable
before the start-up timer times out and there is no
problem in getting a proper reset. However, Figure 8-
11 depicts a problem situation where VDD rises too
slowly. The time between when the DRT senses that
MCLR is high and when MCLR (and VDD) actually
reach their full value, is too long. In this situation, when
the start-up timer times out, VDD has not reached the
VDD (min) value and the chip is, therefore, not
guaranteed to function correctly. For such situations,
we recommend that external RC circuits be used to
achieve longer POR delay times (Figure 8-10).
For additional information refer to Application Notes
“
Power-Up Considerations” - AN522 and “Power-up
Trouble Shooting” - AN607.
Note:
When the device starts normal operation
(exits the reset condition), device operating
parameters (voltage, frequency, tempera-
ture, etc.) must be meet to ensure opera-
tion. If these conditions are not met, the
device must be held in reset until the oper-
ating conditions are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com