Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC691CSW-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC691CSW-PBF
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC691CSW-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC691CSW-PBF Datasheet HTML 7Page - Linear Technology LTC691CSW-PBF Datasheet HTML 8Page - Linear Technology LTC691CSW-PBF Datasheet HTML 9Page - Linear Technology LTC691CSW-PBF Datasheet HTML 10Page - Linear Technology LTC691CSW-PBF Datasheet HTML 11Page - Linear Technology LTC691CSW-PBF Datasheet HTML 12Page - Linear Technology LTC691CSW-PBF Datasheet HTML 13Page - Linear Technology LTC691CSW-PBF Datasheet HTML 14Page - Linear Technology LTC691CSW-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
11
690fe
APPLICATIONS INFORMATION
If battery connections are made through long wires, a
10Ω to 100Ω series resistor and a 0.1μF capacitor are
recommended to prevent any overshoot beyond VCC due
to the lead inductance (Figure 4).
4.3M
0.1μF
VBATT
LTC690
LTC691
LTC694
LTC695
GND
690 F04
10Ω
Figure 4. 10Ω/0.1μF Combination Eliminates Inductive
Overshoot and Prevents Spurious Resets During Battery
Replacement
Table 1 shows the state of each pin during battery back-up.
When the battery switchover section is not used, connect
VBATT to GND and VOUT to VCC.
Memory Protection
The LTC691 and LTC695 include memory protection
circuitry that ensures the integrity of the data in memory
by preventing write operations when VCC is at invalid level.
Two additional pins, CE IN and CE OUT, control the Chip
Enable or Write inputs of CMOS RAM. When VCC is 5V,
CE OUT follows CE IN with a typical propagation delay of
20ns. When VCC falls below the reset voltage threshold
or VBATT, CE OUT is forced high, independent of CE IN. CE
OUT is an alternative signal to drive the CE, CS, or Write
input of battery-backed up CMOS RAM. CE OUT can also
be used to drive the Store or Write input of an EEPROM,
EAROM or NOVRAM to achieve similar protection. Figure
5 shows the timing diagram of CE IN and CE OUT.
CE IN can be derived from the microprocessor’s address
decoder output. Figure 6 shows a typical nonvolatile CMOS
RAM application.
Memory protection can also be achieved with the LTC690
and LTC694 by using RESET as shown in Figure 7.
Table 1. Input and Output Status in Battery Back-Up Mode
SIGNAL
STATUS
VCC
C2 monitors VCC for active switchover.
VOUT
VOUT is connected to VBATT through an internal PMOS switch.
VBATT
The supply current is 1μA maximum.
BATT ON
Logic high. The open-circuit output voltage is equal to VOUT.
PFI
Power failure input is ignored.
PFO
Logic low
RESET
Logic low
RESET
Logic high. The open-circuit output voltage is equal to VOUT.
LOW⎯LINE Logic low
WDI
Watchdog input is ignored.
WDO
Logic high. The open-circuit output voltage is equal to VOUT.
CE IN
Chip⎯Enable Input is ignored.
CE OUT
Logic high. The open-circuit output voltage is equal to VOUT.
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
VCC
V1
CE IN
VOUT = VBATT
CE OUT
VOUT = VBATT
V2
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
690 F05
Figure 5. Timing Diagram for CE IN and CE OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com