Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC691CSW-PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC691CSW-PBF
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC691CSW-PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC691CSW-PBF Datasheet HTML 8Page - Linear Technology LTC691CSW-PBF Datasheet HTML 9Page - Linear Technology LTC691CSW-PBF Datasheet HTML 10Page - Linear Technology LTC691CSW-PBF Datasheet HTML 11Page - Linear Technology LTC691CSW-PBF Datasheet HTML 12Page - Linear Technology LTC691CSW-PBF Datasheet HTML 13Page - Linear Technology LTC691CSW-PBF Datasheet HTML 14Page - Linear Technology LTC691CSW-PBF Datasheet HTML 15Page - Linear Technology LTC691CSW-PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
12
690fe
Power-Fail Warning
The LTC690 family generates a Power Failure Output
(PFO) for early warning of failure in the microprocessor’s
power supply. This is accomplished by comparing the
Power Failure Input (PFI) with an internal 1.3V reference.
PFO goes low when the voltage at the PFI pin is less than
1.3V. Typically PFI is driven by an external voltage divider
(R1 and R2 in Figures 8 and 9) which senses either an
unregulated DC input or a regulated 5V output. The voltage
divider ratio can be chosen such that the voltage at the PFI
pin falls below 1.3V several milliseconds before the 5V
supply falls below the maximum reset voltage threshold
4.75V. PFO is normally used to interrupt the microprocessor
to execute shutdown procedure between PFO and RESET
or RESET.
The power-fail comparator, C3, does not have hysteresis.
Hysteresis can be added however, by connecting a resistor
between the PFO output and the noninverting PFI input
pin as shown in Figures 8 and 9. The upper and lower trip
points in the comparator are established as follows:
When PFO output is low, R3 sinks current from the summing
junction at the PFI pin.
V = 1.3V 1+
R1
R2
R1
R3
H
+
⎛
⎝
⎜
⎞
⎠
⎟
When PFO output is high, the series combination of R3
and R4 source current into the PFI summing junction.
V
1.3V 1
R1
R2
–
(5V – 1.3V)R1
1.3V(R3 R4)
L =+
+
⎛
⎝
⎜
⎞
⎠
⎟
Assuming R4
R3,V
5V
R1
R3
HYSTERESIS
<<
=
Example 1: The circuit in Figure 8 demonstrates the use
of the power-fail comparator to monitor the unregulated
power supply input. Assuming the the rate of decay of the
supply input VINis100mV/msandthetotaltimetoexecutea
shutdown procedure is 8ms. Also the noise of VINis200mV.
With these assumptions in mind, we can reasonably set
VL = 7.5V which 1.25V greater than the sum of maximum
reset voltage threshold and the dropout voltageof LT1086-5
(4.75V + 1.5V) and VHYSTERESIS = 850mV.
APPLICATIONS INFORMATION
Figure 6. A Typical Nonvolatile CMOS RAM Application
5V
3V
0.1μF
10μF
VBATT
VCC
LTC691
LTC695
VOUT
GND
690 F06
VCC
RESET
CE IN
CE OUT
RESET
0.1μF
TO μP
FROM DECODER
CS
20ns PROPAGATION DELAY
62512
RAM
GND
+
5V
3V
0.1μF
10μF
VBATT
VCC
LTC690
LTC694
VOUT
GND
690 F07
VCC
RESET
0.1μF
CS
62128
RAM
CS1
CS2
GND
+
10μF
100μF
VIN
VOUT
ADJ
690 F08
VCC
0.1μF
TO μP
PFO
GND
LT1086-5
VIN ≥ 7.5V
R4
10k
PFI
LTC690/LTC691
LTC694/LTC695
R1
51k
R2
10k
R3
300k
5V
+
+
10μF
10μF
VIN VOUT
ADJ
1690 F09
0.1μF
TO μP
LT1086-5
VIN ≥ 6.5V
R4
10k
R1
27k
R3
2.7M
R2
8.2k
5V
R5
3.3k
VCC
GND
PFO
PFI
LTC690/LTC691
LTC694/LTC695
+
+
Figure 7. Write Protect for RAM with LTC690 or LTC694
Figure 8. Monitoring Unregulated DC Supply
with the LTC690’s Power-Fail Comparator
Figure 9. Monitoring Regulated DC Supply
with the LTC690’s Power-Fail Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com