Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL3250AHN/C1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSL3250AHN/C1
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250AHN/C1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSL3250AHN/C1 Datasheet HTML 17Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 18Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 19Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 20Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 21Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 22Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 23Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 24Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SSL3250A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 16 December 2009
21 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
High power LED parameters
VO
output voltage
on pin VO
[6] --
9.5
V
ILED
LED current
IF_SEL = 0;
current control register = 08h;
STRB = 0
40
50
60
mA
IF_SEL = 0;
current control register = 30h;
STRB = 0
106
125
144
mA
IF_SEL = 0;
current control register = C0h;
STRB = 1
356
395
435
mA
IF_SEL = 0;
current control register = F8h;
STRB = 1
450
500
550
mA
default flash current;
IF_SEL = 1; EN1 = 1; EN2 = 1;
R_FL = HIGH
[3] 450
500
550
mA
default torch current;
IF_SEL = 1; EN1 = 0; EN2 = 1;
R_TR = HIGH
[3] 106
125
144
mA
Ileak(LED)
leakage current on pin LED
ACT = 0; Shut-down mode
-
-
0.5
μA
VLED
voltage on pin LED
Boost mode; ILED =0.5 A
[7] -300
-mV
Follower mode
[7] 350
-
-
mV
Vovp
overvoltage protection voltage
9.8
10.5
11.0
V
Indicator LED parameters
II_IND
current on pin I_IND
IF_SEL = 0 (I2C)
2.5
-
17.5
mA
IF_SEL = 1 (direct enable)
2.5
-
20
mA
default indicator current;
IF_SEL = 1; EN1 = 1; EN2 = 0;
R_IND = HIGH
-10
-
mA
ΔI
I_IND
current variation on pin I_IND
-
-
15
%
Ileak(I_IND)
leakage current on pin I_IND
ACT = 0; Shut-down mode
-
-
1
μA
Power MOSFET
RDSon
drain-source on-state resistance
NFET
-
200
425
mW
Timing
fsw
switching frequency
1.08
1.2
1.32
MHz
δ
max
maximum duty cycle
-
-
82
%
tstart(soft)
soft start time
ACT = 0 to ACT = 1
response time
-
160
400
μs
tto(acc)
accuracy of time-out time
the absolute value can be
set with I2C
10
-
10
%
Table 9.
Characteristics …continued
VI = 3.0 V to 5.5 V; Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com