Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL3250AHN/C1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL3250AHN/C1
Description  Photo flash dual LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL3250AHN/C1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL3250AHN/C1 Datasheet HTML 4Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 5Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 6Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 7Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 8Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 9Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 10Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 11Page - NXP Semiconductors SSL3250AHN/C1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SSL3250A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 16 December 2009
8 of 26
NXP Semiconductors
SSL3250A
Photo flash dual LED driver
default current is equal to connecting an external current set resistor of 50 k
Ω. Entering
Torch mode in Direct enable mode can be done using the EN1 and EN2 pins. The LED
will stay on in Torch mode for as long as the enable pins are set to Torch mode.
(2)
When not using an external resistor, the R_TR pin can be left unconnected, but it is
preferably connected to VIN. Never connect the R_TR pin to GND since it will cause
unnecessary reference currents to flow to GND.
Figure 5 illustrates the Torch mode current setting equation for I2C, while Figure 6
illustrates the Torch mode current setting equation for the Direct enable mode.
Fig 5.
Torch mode LED current in I2C mode
Fig 6.
Torch mode LED current in Direct enable mode
I
LED
50 k
Ω
R
R_TR
---------------
125 mA
×
=
Torch current using I2C mode
ILED (mA)
Register
value
01
9
11
7
5
3
014aaa364
0
150
100
50
200
Torch current using direct control mode
ILED (mA)
Register
value (k
Ω)
125
31.3
50
014aaa365
0
150
125
100
50
200
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com