Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8014 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
Flash Access Lock and Unlock Mechanisms
56F8014 Technical Data, Rev. 11
Freescale Semiconductor
83
memory chapter in MC56F8000RM, the 56F8000 Peripheral Reference Manual for details. When flash
security mode is enabled, the 56F8014 will disable the core EOnCE debug capabilities. Normal program
execution is otherwise unaffected.
7.2 Flash Access Lock and Unlock Mechanisms
There are several methods that effectively lock or unlock the on-chip flash.
7.2.1
Disabling EOnCE Access
On-chip flash can be read by issuing commands across the EOnCE port, which is the debug interface for
the 56800E CPU. The TCK, TMS, TDO, and TDI pins comprise a JTAG interface onto which the EOnCE
port functionality is mapped. When the device boots, the chip-level JTAG TAP (Test Access Port) is active
and provides the chip’s boundary scan capability and access to the ID register, but proper implementation
of flash security will block any attempt to access the internal flash memory via the EOnCE port when
security is enabled.
7.2.2
Flash Lockout Recovery Using JTAG
If the device is secured, one lockout recovery mechanism is the complete erasure of the internal flash
contents, including the configuration field, thus disabling security (the protection register is cleared). This
does not compromise security, as the entire contents of the user’s secured code stored in flash are erased
before security is disabled on the device on the next reset or power-up sequence.
To
start
the
lockout
recovery
sequence
via
JTAG,
the
JTAG
public
instruction
(LOCKOUT_RECOVERY) must first be shifted into the chip-level TAP controller’s instruction register.
Once the LOCKOUT_RECOVERY instruction has been shifted into the instruction register, the clock
divider value must be shifted into the corresponding 7-bit data register. After the data register has been
updated, the user must transition the TAP controller into the RUN-TEST/IDLE state for the lockout
sequence to commence. The controller must remain in this state until the erase sequence has completed.
Refer to MC56F8000RM, the 56F8000 Peripheral Reference Manual, for more details, or contact
Freescale.
Note:
Once the lockout recovery sequence has completed, the user must reset both the JTAG TAP controller
and the device to return to normal unsecured operation. Power-on reset will also reset both.
7.2.3
Flash Lockout Recovery Using CodeWarrior
CodeWarrior can unlock a device by selecting the Debug menu, then selecting DSP56800E, followed by
Unlock Flash. Another mechanism is also built into CodeWarrior using the device’s memory configuration
file. The command Unlock_Flash_on_Connect1 in the .cfg file accomplishes the same task as using the
Debug menu.
This lockout recovery mechanism also includes the complete erasure of the internal flash contents,
including the configuration field, thus disabling security (the protection register is cleared).
7.2.4
Flash Lockout Recovery Without Mass Erase
The user can un-secure a secured device by programming the word $0000 into program memory location
$00 1FF7. After completing the programming, both the JTAG TAP controller and the device must be reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com