Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6909CMS-PBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6909CMS-PBF
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909CMS-PBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6909CMS-PBF Datasheet HTML 12Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 13Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 14Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 15Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 16Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 17Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 18Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 19Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC6909
17
6909f
TYPICAL APPLICATIONS
6909 TA02
*CIN OPTIONAL TO REDUCE ANY LC RINGING.
NOT NEEDED FOR LOW INDUCTANCE PLANE CONNECTION
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601
392k
392k
51.1k
51.1k
RSET
10k
22μF
6.3V
470μF
6.3V
VOUT
1.5V
48A MAX
CLOCK SYNC
0° PHASE
CLOCK SYNC
90° PHASE
220pF
MARGIN CONTROL
TRACK/SS CONTROL
TRACK/SS CONTROL
CIN*
100μF
25V
10μF
25V
×2
VIN
fSET
PGND
SGND
VOUT
VFB
MARG0
MARG1
VOUT_LCL
NC3
NC2
NC1
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601-1
VIN
fSET
PGND
SGND
5%
MARGIN
VIN
10V TO 14V
4.5V TO 20V
120pF
22μF
6.3V
10μF
25V
×2
0.1μF
0.1μF
+
470μF
6.3V
+
+
VOUT = 0.6V
RSET
60.4k
N
+ RSET
N = NUMBER OF PHASES
22μF
6.3V
470μF
6.3V
+
392k
CLOCK SYNC
180° PHASE
TRACK/SS CONTROL
VOUT
VFB
MARG0
MARG1
VOUT_LCL
NC3
NC2
NC1
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601-1
VIN
fSET
PGND
SGND
4.5V TO 20V
10μF
25V
×2
22μF
6.3V
0.1μF
470μF
6.3V
+
392k
CLOCK SYNC
270° PHASE
TRACK/SS CONTROL
VOUT
VFB
MARG0
MARG1
VOUT_LCL
NC3
NC2
NC1
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601-1
VIN
fSET
PGND
SGND
4.5V TO 20V
PGOOD
10μF
25V
×2
71.5k
V+A
GND
PH0
PH1
OUT1
OUT2
OUT3
OUT4
SET
PH2
MOD
V+D
OUT8
OUT7
OUT6
OUT5
LTC6909
SSFM DISABLED
SSFM
ENABLED
0.01μF
Simply Parallel Multiple DC/DC μModule™ Regulator Systems to Achieve Higher Output Current. Board Layout Is as
Easy as Copying and Pasting Each μModule Regulator’s Layout With Very Few External Components Required
μModule is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com