Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6909CMS-PBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6909CMS-PBF
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909CMS-PBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6909CMS-PBF Datasheet HTML 12Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 13Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 14Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 15Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 16Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 17Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 18Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 19Page - Linear Technology LTC6909CMS-PBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC6909
18
6909f
TYPICAL APPLICATIONS
Combining Eight Outputs With a Lowpass Filter to Create a Sine Wave
Using Additional Standard Logic Inverters to Achieve 10- and 14-Phase Outputs
(Inverters Are 74HC04 or Equivalent)
14 OUTPUT PHASES (OUTPUTS SHIFTED BY 25.71 DEGREES)
V+
V+D
GND
V+A
SET
PH0
PH1
PH2
MOD
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
0° (360°)
180°
51.43°
231.43°
102.86°
282.86°
154.29°
334.29°
205.71°
25.71°
257.14°
77.14°
308.57°
128.57°
6909 TA03
LTC6909
10 OUTPUT PHASES (OUTPUTS SHIFTED BY 36 DEGREES)
V+
V+D
GND
V+A
SET
PH0
PH1
PH2
MOD
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
0° (360°)
180°
72°
252°
144°
324°
216°
36°
288°
108°
LTC6909
0.1μF
0.1μF
RSET
0.1μF
0.1μF
RSET
LTC6909
249k
2.7V TO 5.5V
0.1μF
1
116
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
0.1μF
0.1μF
0.1μF
100kHz
SINE WAVE
OUTPUT
787k
V+A
GND
PH0
PH1
OUT1
OUT2
OUT3
OUT4
SET
PH2
MOD
V+D
OUT8
OUT7
OUT6
OUT5
787k
402k
140k
80.6k
402k
140k
80.6k
LTC1563-2
LP
SA
NC
INVA
NC
LPA
AGND
V–
OPEN
16.2k
16.2k
20k
21k
V+
LPB
NC
INVB
NC
SB
NC
EN
6909 TA04
500mV/DIV
2μs/DIV
V+ = 5V
THD = 0.2%
6909 TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com