Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD2932 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics SD2932 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Test circuit 175 MHz
SD2932
10/22
Doc ID 6876 Rev 8
5
Test circuit 175 MHz
Figure 15.
175 MHz test circuit schematic (production test circuit
NOTES:
1. DIMENSION AT COMPONENT SYMBOL ARE REFERENCE FOR COMPONENT PLACEMENT.
2. GAP BETWEEN GROUND & TRANSMISSION LINES IS + 0.002{0.05} - O.OOO[0.00] TYP
REF. 1022256B
Table 8.
175 MHz test circuit component part list
Component
Description
R1,R2,R5,R6
470 Ohm 1 W, surface mount chip resistor
R3,R4
360 Ohm 0.5 W, carbon comp. axial lead resistor or equivalent
R7,R8
560 Ohm 2 W, resistor two turn wire air-wound axial lead resistor
R9,R10
20 K Ohm 3.09 W, 10 turn wirewound precision potentiometer
C1,C4
680 pF ATC 130B surface mount ceramic chip capacitor
C2,C3,C7,C8,C17,C19,
C20,C21
10000 pF ATC 200B surface mount ceramic chip capacitor
C5
75 pF ATC 100B surface mount ceramic chip capacitor
C6
ST40 25 pF - 115 pF miniature variable trimmer
C9,C10
47 pF ATC 100B surface mount ceramic chip capacitor
C11,C12, C13
43 pF ATC 100B surface mount ceramic chip capacitor
C14,C15,C24,C25
1200 pF ATC 700B surface mount ceramic chip capacitor
C16,C18
470 pF ATC 700B surface mount ceramic chip capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com