Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD2932 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics SD2932 Datasheet HTML 14Page - STMicroelectronics SD2932 Datasheet HTML 15Page - STMicroelectronics SD2932 Datasheet HTML 16Page - STMicroelectronics SD2932 Datasheet HTML 17Page - STMicroelectronics SD2932 Datasheet HTML 18Page - STMicroelectronics SD2932 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SD2932
Test circuit 175 - 230 MHz
Doc ID 6876 Rev 8
15/22
Component
Description
R4
4.7 K Ohm multi turns trim resistor
R5
8.2 K Ohm / 5 W resistor
R6
3.3 K Ohm / 5 W resistor
D1
6.8 V Zener diode
L1
20 nH Inductor
L2
70 nH Inductor
L3
30 nH Inductor
L4
10 nH Inductor
L5
15 nH Inductor
Table 9.
175 - 230 MHz circuit layout component part list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com