Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA1002 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSA1002_04 Datasheet HTML 3Page - STMicroelectronics TSA1002_04 Datasheet HTML 4Page - STMicroelectronics TSA1002_04 Datasheet HTML 5Page - STMicroelectronics TSA1002_04 Datasheet HTML 6Page - STMicroelectronics TSA1002_04 Datasheet HTML 7Page - STMicroelectronics TSA1002_04 Datasheet HTML 8Page - STMicroelectronics TSA1002_04 Datasheet HTML 9Page - STMicroelectronics TSA1002_04 Datasheet HTML 10Page - STMicroelectronics TSA1002_04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
7/20
CONDITIONS
AVCC = DVCC = 2.5V, Fs= 40Msps Vin@ -1.0dBFS, VREFP=1V, VREFM= 0V
Tamb = 25 C (unless otherwise specified)
DYNAMIC CHARACTERISTICS
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SFDR
Spurious Free Dynamic Range
Fin= 5MHz
Fin= 10MHz
1)
Fin= 24MHz
-79.2
-77
-69
-65.5
-68.5
-63.4
dBc
Fin= 5MHz
Fin= 10MHz
2)
Fin= 24MHz
-61.5
-62.8
-58.5
dBc
SNR
Signal to Noise Ratio
Fin= 5MHz
Fin= 10MHz
1)
Fin= 24MHz
58.5
58.3
57.4
59.5
59.4
59.0
dB
Fin= 5MHz
Fin= 10MHz
2)
Fin= 24MHz
57.9
57.1
55.9
dB
THD
Total Harmonic Distortion
Fin= 5MHz
Fin= 10MHz
1)
Fin= 24MHz
-77.8
-76
-68.1
-63.5
-67.4
-62.5
dB
Fin= 5MHz
Fin= 10MHz
2)
Fin= 24MHz
-62.3
-60.7
-57.6
dB
SINAD
Signal to Noise and Distortion
Ratio
Fin= 5MHz
Fin= 10MHz
1)
Fin= 24MHz
58.5
58.2
57.0
59.4
59.3
58.5
dB
Fin= 5MHz
Fin= 10MHz
2)
Fin= 24MHz
57.8
56.9
55.3
dB
ENOB
Effective Number of Bits
Fin= 5MHz
Fin= 10MHz
1)
Fin= 24MHz
9.6
9.5
9.3
9.76
9.71
9.60
bits
Fin= 5MHz
Fin= 10MHz
2)
Fin= 24MHz
9.4
9.3
9
bits
1) Rpol= 18
K
Ω. Equivalent load: Rload= 470Ω and Cload= 6pF
2)
Tmin= -40 C to Tmax= 85 C. Not fully tested over the temperature range. Guaranteed by sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com