Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA1002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 5 Page - STMicroelectronics

  TSA1002_04 Datasheet HTML 1Page - STMicroelectronics TSA1002_04 Datasheet HTML 2Page - STMicroelectronics TSA1002_04 Datasheet HTML 3Page - STMicroelectronics TSA1002_04 Datasheet HTML 4Page - STMicroelectronics TSA1002_04 Datasheet HTML 5Page - STMicroelectronics TSA1002_04 Datasheet HTML 6Page - STMicroelectronics TSA1002_04 Datasheet HTML 7Page - STMicroelectronics TSA1002_04 Datasheet HTML 8Page - STMicroelectronics TSA1002_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
5/20
CONDITIONS
AVCC = DVCC = VCCB = 2.5V, Fs= 40Msps,Fin= 1MHz, Vin@ -1.0dBFS, VREFM= 0V
Tamb = 25 C (unless otherwise specified)
ANALOG INPUTS
REFERENCE VOLTAGE
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIN-VINB Full scale reference voltage
2.0
Vpp
Req
Equivalent input resistance
13
k
Ω
Cin
Input capacitance
5.0
pF
BW
Analog Input Bandwidth
Vin@ Full scale, FS=50Msps
1000
MHz
ERB
Effective Resolution Bandwidth 1)
1) See parameters definition for more information
60
MHz
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VREFP
Top internal reference voltage
0.91
1.03
1.14
V
Tmin= -40 C to Tmax= 85 C1)
0.88
1.16
V
Vpol
Analog bias voltage
1.20
1.27
1.35
V
Tmin= -40 C to Tmax= 85 C1)
1.18
1.36
V
Ipol
Analog bias current
Normal operating mode
50
70
100
µA
Ipol
Analog bias current
Shutdown mode
0
µA
VINCM
Input common mode voltage
0.47
0.57
0.68
V
Tmin= -40 C to Tmax= 85 C1)
0.46
0.66
V
1) Not fully tested over the temperature range. Guaranteed by sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com