| Electronic Components Datasheet Search |
|
M41T94MH6F Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T94MH6F Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 41 page ![]() Operation M41T94 12/41 3 Operation The M41T94 clock operates as a slave device on the SPI serial bus. Each memory device is accessed by a simple serial interface that is SPI bus compatible. The bus signals are SCL, SDI and SDO (see Table 1 on page 8 and Figure 5 on page 9). The device is selected when the chip enable input (E) is held low. All instructions, addresses and data are shifted serially in and out of the chip. The most significant bit is presented first, with the data input (SDI) sampled on the first rising edge of the clock (SCL) after the chip enable (E) goes low. The 64 bytes contained in the device can then be accessed sequentially in the following order: ● 1st byte: tenths/hundredths of a second register ● 2nd byte: seconds register ● 3rd byte: minutes register ● 4th byte: century/hours register ● 5th byte: day register ● 6th byte: date register ● 7th byte: month register ● 8th byte: year register ● 9th byte: control register ● 10th byte: watchdog register ● 11th - 16th bytes: Alarm registers ● 17th - 19th bytes: reserved ● 20th byte: square wave register ● 21st - 64th bytes: user RAM The M41T94 clock continually monitors VCC for an out-of tolerance condition. Should VCC fall below VPFD, the device terminates an access in progress and resets the device address counter. Inputs to the device will not be recognized at this time to prevent erroneous data from being written to the device from a an out-of-tolerance system. When VCC falls below VSO, the device automatically switches over to the battery and powers down into an ultra low current mode of operation to conserve battery life. As system power returns and VCC rises above VSO, the battery is disconnected, and the power supply is switched to external VCC. Write protection continues until VCC reaches VPFD (min) plus tREC (min). For more information on battery storage life refer to application note AN1012. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |