Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MH6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T94MH6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T94MH6F Datasheet HTML 10Page - STMicroelectronics M41T94MH6F Datasheet HTML 11Page - STMicroelectronics M41T94MH6F Datasheet HTML 12Page - STMicroelectronics M41T94MH6F Datasheet HTML 13Page - STMicroelectronics M41T94MH6F Datasheet HTML 14Page - STMicroelectronics M41T94MH6F Datasheet HTML 15Page - STMicroelectronics M41T94MH6F Datasheet HTML 16Page - STMicroelectronics M41T94MH6F Datasheet HTML 17Page - STMicroelectronics M41T94MH6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Operation
M41T94
14/41
Figure 8.
Output timing requirements
AI04634
SCL
SDO
E
LSB OUT
SDI
ADDR. LSB IN
tEHQZ
tCH
tCL
tQLQH
tQHQL
tCLQX
tCLQV
MSB OUT
Table 3.
AC characteristics
Symbol
Parameter(1)
Min
Max
Unit
fSCL
Serial clock input frequency
DC
2
MHz
tCH
(2)
Clock high
200
ns
tCHCL
(3)
Clock transition (fall time)
1
µs
tCHDX
Serial clock input high to input data transition
50
ns
tCHEH
Serial clock input high to chip enable high
200
ns
tCL
(2)
Clock low
200
ns
tCLCH
(3)
Clock transition (rise time)
1
µs
tCLQV
Serial clock input low to output valid
150
ns
tCLQX
Serial clock input low to output data transition
0
ns
tDHDL
(3)
Input data transition (fall time)
1
µs
tDLDH
(3)
Input data transition (rise time)
1
µs
tDVCH
Input data to serial clock input high
40
ns
tEHCH
Chip enable high to serial clock input high
200
ns
tEHEL
Chip enable high to chip enable low
200
ns
tEHQZ
(3)
Chip enable high to output high-z
250
ns
tELCH
Chip enable low to serial clock input high
200
ns
tQHQL
(3)
Output data transition (fall time)
100
ns
tQLQH
(3)
Output data transition (rise time)
100
ns
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5 V (except where noted).
2.
tCH + tCL ≥ 1/fSCL
3.
Value guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com