Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J4T3 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 150Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 151Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 152Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 153Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 154Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 155Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 156Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 157Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 164 page
background image
ST72324Jx ST72324Kx
154/164
14.3 SILICON IDENTIFICATION
The
various
ST72F324,
ST72F324B
and
ST72324B devices are identifiable both by the last
letter of the Trace code marked on the device
package and by the last 3 digits of the Internal
Sales Type printed on the box label.
Table 27. Silicon Identification (Standard and Industrial Versions)
Device
Status
Fab
Memory
Trace Code
marked on device
Internal Sales Types
on box label
ST72F324xxxx
Current production Phoenix
8K to 32K
Flash
“xxxxxxxxx1”
72F324xxxx$x7
End of production
Dec. 2005
Rousset
“xxxxxxxxxW”
72F324xxxx$x5
ST72F324Bxxxx
Current production.
Recommended for
new designs
Rousset
8K/16K Flash
“xxxxxxxxxB”
72F324Bxxxx$x4
ST72324Bxxxx
Current production Phoenix
32K ROM
“xxxxxxxxxA”
72324Bxxxx$x1
8K/16K ROM
“xxxxxxxxxB”
72324Bxxxx$x3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com