Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J4T3 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 151Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 152Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 153Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 154Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 155Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 156Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 157Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 158Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 164 page
background image
ST72324Jx ST72324Kx
155/164
14.4 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
➟ http//:mcu.st.com.
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
Emulators
Two types of emulators are available from ST for
the ST72324 family:
■ ST7 DVP3 entry-level emulator offers a flexible
and modular debugging and programming
solution. SDIP42 & SDIP32 probes/adapters
are included, other packages need a specific
connection kit (refer to Table 28)
■ ST7 EMU3 high-end emulator is delivered with
everything (probes, TEB, adapters etc.) needed
to start emulating the ST72324 family. To
configure it to emulate other ST7 subfamily
devices, the active probe for the ST7EMU3 can
be changed and the ST7EMU3 probe is
designed for easy interchange of TEBs (Target
Emulation Board). See Table 28.
In-circuit Debugging Kit
Two configurations are available from ST:
■ STXF521-IND/USB:
Low-cost
In-Circuit
Debugging
kit
from
Softec
Microsystems.
Includes STX-InDART/USB board (USB port)
and a specific demo board for ST72521
(TQFP64)
■ STxF-INDART
Flash Programming tools
■ ST7-STICK ST7 In-circuit Communication Kit, a
complete
software/hardware
package
for
programming ST7 Flash devices. It connects to
a host PC parallel port and to the target board or
socket board via ST7 ICC connector.
■ ICC Socket Boards provide an easy to use and
flexible means of programming ST7 Flash
devices. They can be connected to any tool that
supports the ST7 ICC interface, such as ST7
EMU3, ST7-DVP3, inDART, ST7-STICK, or
many third-party development tools.
Evaluation board
■ ST7232x-EVAL
with
ICC
connector
for
programming
capability.
Provides
direct
connection to ST7-DVP3 emulator. Supplied
with
daughter
boards
(core
module)
for
ST72F321,
ST72F324
&
ST72F521
(the
ST72F321 & ST72F324 chips are not included)
Table 28. STMicroelectronics Development Tools
Note 1: Add suffix /EU, /UK, /US for the power supply of your region.
Supported
Products
Emulation
Programming
ST7 DVP3 Series
ST7 EMU3 series
ICC Socket Board
Emulator
Connection kit
Emulator
Active Probe &
T.E.B.
ST72324BJ,
ST72F324J,
ST72F324BJ
ST7MDT20-DVP3
ST7MDT20-T44/
DVP
ST7MDT20J-
EMU3
ST7MDT20J-TEB
ST7SB20J/xx1
ST72324BK,
ST72F324K,
ST72F324BK
ST7MDT20-DVP3
ST7MDT20-T32/
DVP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com