Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J4T3 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST72F324J4T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J4T3 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST72F324J4T3 Datasheet HTML 152Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 153Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 154Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 155Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 156Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 157Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 158Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 159Page - STMicroelectronics ST72F324J4T3 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 164 page
background image
ST72324Jx ST72324Kx
156/164
14.4.1
Socket
and
Emulator
Adapter
Information
For information on the type of socket that is sup-
plied with the emulator, refer to the suggested list
of sockets in Table 29.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s datasheet (www.yamaichi.de for
TQFP44 10 x 10 and www.ironwoodelectron-
ics.com for TQFP32 7 x 7).
Table 29. Suggested List of Socket Types
Device
Socket (supplied with
ST7MDT20J-EMU3)
Emulator Adapter (supplied with
ST7MDT20J-EMU3)
TQFP32 7 X 7
IRONWOOD SF-QFE32SA-L-01
IRONWOOD SK-UGA06/32A-01
TQFP44 10 X10
YAMAICHI IC149-044-*52-*5
YAMAICHI ICP-044-5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com