Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS616 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 7Page - STMicroelectronics TS616_08 Datasheet HTML 8Page - STMicroelectronics TS616_08 Datasheet HTML 9Page - STMicroelectronics TS616_08 Datasheet HTML 10Page - STMicroelectronics TS616_08 Datasheet HTML 11Page - STMicroelectronics TS616_08 Datasheet HTML 12Page - STMicroelectronics TS616_08 Datasheet HTML 13Page - STMicroelectronics TS616_08 Datasheet HTML 14Page - STMicroelectronics TS616_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TS616
Electrical characteristics
11/37
Figure 14.
Positive slew rate
Figure 15.
Positive slew rate
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)
AV = -4, Rfb = 620 Ω, VCC = ±6 V, RL=25 Ω
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
-1
0
1
2
Time (s)
AV = -4, Rfb = 910 Ω, VCC = ±2.5 V, RL=10 Ω
Figure 16.
Negative slew rate
Figure 17.
Negative slew rate
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)
AV = +4, Rfb = 620 Ω, VCC = ±6 V, RL=25 Ω
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
-1
0
1
2
Time (s)
AV = +4, Rfb = 910 Ω, VCC = ±2.5 V, RL=10 Ω
Figure 18.
Negative slew rate
Figure 19.
Negative slew rate
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)
AV = +4, Rfb = 620 Ω, VCC = ±6 V, RL=25 Ω
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
0
2
Time (s)
AV = +4, Rfb = 910 Ω, VCC = ±2.5 V, RL=10 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com