Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS616 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 28Page - STMicroelectronics TS616_08 Datasheet HTML 29Page - STMicroelectronics TS616_08 Datasheet HTML 30Page - STMicroelectronics TS616_08 Datasheet HTML 31Page - STMicroelectronics TS616_08 Datasheet HTML 32Page - STMicroelectronics TS616_08 Datasheet HTML 33Page - STMicroelectronics TS616_08 Datasheet HTML 34Page - STMicroelectronics TS616_08 Datasheet HTML 35Page - STMicroelectronics TS616_08 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Increasing the line level using active impedance matching
TS616
32/37
First let’s consider the unloaded system. We can assume that the currents through R1, R2
and R3 are respectively:
As Vo° equals Vo without load, the gain in this case becomes:
The gain, for the loaded system is given by Equation 6:
Equation 6
The system shown in Figure 70 is an ideal generator with a synthesized impedance acting
as the internal impedance of the system. From this, the output voltage becomes:
Equation 7
where Ro is the synthesized impedance and Iout the output current.
On the other hand Vo can be expressed as:
Equation 8
By identification of both Equation 7 and Equation 8, the synthesized impedance is, with
Rs1 = Rs2 = Rs:
Equation 9
2Vi
R1
---------
Vi
Vo
°
()
R2
---------------------------and
Vi
Vo
+
()
R3
------------------------
,
G
Vo noload
()
Vi
--------------------------------
1
2R2
R1
-----------
R2
R3
--------
++
1
R2
R3
--------
------------------------------------
==
GL
Vo withload
()
Vi
-------------------------------------
1
2
---
1
2R2
R1
-----------
R2
R3
--------
++
1
R2
R3
--------
------------------------------------
==
Vo
ViG
()
Ro
Iout
()
=
Vo
Vi 1
2R2
R1
-----------
R2
R3
--------
++
⎝⎠
⎛⎞
1
R2
R3
--------
-----------------------------------------------
Rs1Iout
1
R2
R3
--------
----------------------
=
Ro
Rs
1
R2
R3
--------
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com