Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34E02-FDW1G Datasheet(PDF) 22 Page - STMicroelectronics

Part # M34E02-FDW1G
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1G Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M34E02-FDW1G Datasheet HTML 18Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 19Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 20Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 21Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 22Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 23Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 24Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 25Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Maximum rating
M34E02, M34E02-F
22/34
Doc ID 10367 Rev 10
6
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Ambient temperature with power applied
–55
130
°C
TSTG
Storage temperature
–65
150
°C
VIO
Input or output range
E0
Others
–0.50
–0.50
10.0
6.5
V
IOL
DC output current (SDA = 0)
-
5
mA
VCC
Supply voltage
–0.5
6.5
V
VESD
Electrostatic discharge voltage (human body model)(1)
1.
JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com