Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34E02-FDW1G Datasheet(PDF) 25 Page - STMicroelectronics

Part # M34E02-FDW1G
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1G Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M34E02-FDW1G Datasheet HTML 21Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 22Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 23Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 24Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 25Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 26Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 27Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 28Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
M34E02, M34E02-F
DC and AC parameters
Doc ID 10367 Rev 10
25/34
Table 13.
DC characteristics (for temperature range 6 devices)
Symbol
Parameter
Test condition (in addition to
those in Table 9)
Min
Max
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
± 2
µA
ICC
Supply current (read)
VCC < 2.5 V, fc = 400 kHz
1
mA
VCC ≥ 2.5 V, fc = 400 kHz
3
mA
ICC1
Standby supply current
Device not selected(1),
VIN = VSS or VCC, VCC ≥ 2.5 V
1.
The device is not selected after a power-up, after a read command (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command).
2µA
Device not selected(1),
VIN = VSS or VCC, VCC < 2.5 V
1µA
VIL
Input low voltage
(SCL, SDA, WC)
2.5
≤ VCC
–0.45
0.3 VCC
V
1.8 V
≤ VCC < 2.5 V
–0.45
0.25VCC
V
VIH
Input high voltage
(SCL, SDA, WC)
0.7VCC
VCC+1
V
VHV
E0 high voltage
VHV – VCC ≥ 4.8 V
7
10
V
VOL
Output low voltage
IOL = 3.0 mA, VCC = 5.5 V
0.4
V
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
IOL = 0.7 mA, VCC = 1.7 V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com