Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F803 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
56F803 Technical Data, Rev. 16
44
Freescale Semiconductor
1.
Parasitic capacitance due to package, pin to pin, and pin to package base coupling. (1.8pf)
2.
Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. (2.04pf)
3.
Equivalent resistance for the ESD isolation resistor and the channel select mux. (500 ohms)
4.
Sampling capacitor at the sample and hold circuit. (1pf)
Figure 3-26 Equivalent Analog Input Circuit
3.13 Controller Area Network (CAN) Timing
ADC Quiescent Current (both ADCs)
IADC
—50
—
mA
VREF Quiescent Current (both ADCs)
IVREF
—12
16.5
mA
1.
For optimum ADC performance, keep the minimum VADCIN value > 25mV. Inputs less than 25mV may convert to a digital
output code of 0.
2.
VREF must be equal to or less than VDDA and must be greater than 2.7V. For optimal ADC performance, set VREF to VD-
DA-0.3V.
3.
Measured in 10-90% range.
4.
LSB = Least Significant Bit.
5.
Guaranteed by characterization.
6.
tAIC = 1/fADIC
Table 3-17 CAN Timing2
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40× to +85×C, CL £ 50pF, MSCAN Clock = 30MHz
Characteristic
Symbol
Min
Max
Unit
Baud Rate
BRCAN
—1
Mbps
Bus Wakeup detection 1
T WAKEUP
5—
μs
Table 3-16 ADC Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
1
2
3
4
ADC analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com