Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F803 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
56F803 Technical Data, Rev. 16
10
Freescale Semiconductor
2.2 Power and Ground Signals
Table 2-2 Power Inputs
No. of Pins
Signal Name
Signal Description
6
VDD
Power—These pins provide power to the internal structures of the chip, and should all
be attached to VDD.
1
VDDA
Analog Power—This pin is a dedicated power pin for the analog portion of the chip and
should be connected to a low noise 3.3V supply.
Table 2-3 Grounds
No. of Pins
Signal Name
Signal Description
5
VSS
GND—These pins provide grounding for the internal structures of the chip, and should all
be attached to VSS.
1
VSSA
Analog Ground—This pin supplies an analog ground.
1
TCS
TCS—This Schmitt pin is reserved for factory use and must be tied to VSS for normal use.
In block diagrams, this pin is considered an additional VSS.
Table 2-4 Supply Capacitors
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
2
VCAPC
Supply
Supply
VCAPC—Connect each pin to a 2.2
μF or greater bypass capacitor in
order to bypass the core logic voltage regulator (required for proper chip
operation). For more information, please refer to Section 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com