Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6502REAADG6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM6502REAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502REAADG6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM6502REAADG6F Datasheet HTML 8Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 9Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 10Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 11Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 12Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 13Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 14Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 15Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Description
STM6502, STM6503, STM6504, STM6505
12/29
Doc ID 16101 Rev 5
1.2.7
Programmable Smart Reset input delay (TSR pin) – STM6503 and
STM6504 only
The TSR pin allows the user to program the setup time before the push-button action is
validated by the reset output. It is controlled by different voltage levels on the three-state
TSR input pin: when connected to ground, tSRC = 2 s; when left open, tSRC = 6 s; when
connected to VCC, tSRC = 10 s (all times are minimum). TSR is a DC-type input, intended to
be either permanently grounded, permanently connected to VCC or permanently left open.
If it is left open, for improved system glitch immunity it is strongly recommended to connect
a 0.1 µF decoupling ceramic capacitor between the TSR and VSS pins.
1.2.8
Reset output (RST)
RST is the active-low, open-drain reset output in the Smart Reset family.
1.2.9
Battery monitoring input (VBAT) – STM6505 only
VBAT is an input for monitoring the battery voltage. VBAT threshold is 1.25 V, fixed, and an
external resistor divider is to be used to set the actual battery voltage threshold.
1.2.10
Battery low detect output (BLD) – STM6505 only
The battery low detect output is controlled by the VBAT voltage monitoring input and is
active-low, open-drain, with no pull-up.
Figure 9.
STM6505 timing
AM00329
RST
BLD
SR0
SR1
tSRC
tREC
VBAT
VBATTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com