Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6502REAADG6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM6502REAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502REAADG6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM6502REAADG6F Datasheet HTML 14Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 15Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 16Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 17Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 18Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 19Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 20Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 21Page - STMicroelectronics STM6502REAADG6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
DC and AC parameters
STM6502, STM6503, STM6504, STM6505
18/29
Doc ID 16101 Rev 5
Smart Reset inputs
VIL
SR0, SR1, SRE input
voltage low
VSS
–0.3
0.3
VCC
V
VIH
SR0, SR1, SRE input
voltage high
0.7
VCC
5.5
V
ILI(SR)
Input leakage current, SR
and SRE inputs
Option without internal pull-up resistor
–1
+1
µA
ILI(TSR)
Input leakage current, TSR
input
STM6503 and STM6504 only
–5
+7
µA
RPUI
Internal pull-up resistor,
input (optional - refer to
Table 12)
65
k
Ω
tDEBOUNCE
SRE input falling edge
debounce time
STM6504 only
240
360
480
ms
Smart Reset delay
tSRC
(5)
Capacitor-programmable
Smart Reset setup time,
STM6502 and STM6505.
Refer to Table 3.
TA = 25 °C
10 x
CSRC
(µF)
12.5 x
CSRC
(µF)
15 x
CSRC
(µF)
s
tSRC
(5)
TSR pin-programmable
Smart Reset setup time,
STM6503 and STM6504.
TSR = VSS
22.5
3
s
TSR = floating(6)
67.5
9
s
TSR = VCC
10
12.5
15
s
1.
Valid for ambient operating temperature: TA = –40 to +85 °C; VCC = 1.0 to 5.5 V (except where noted).
2.
Typical value is at 25 °C and VCC = 3.3 V unless otherwise noted.
3.
For devices with VRST < 3.0 V.
4.
Guaranteed by design.
5.
Input glitch immunity is equal to tSRC (when both SR inputs are low, otherwise infinite). STM6502, STM6503, STM6505
only.
6.
If left open, for improved system glitch immunity it is strongly recommended to connect a 0.1 µF decoupling ceramic
capacitor between the TSR and VSS pins.
Table 6.
DC and AC characteristics (continued)
Symbol
Parameter
Test conditions(1)
Min.
Typ.(2)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com