Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAY/AY5335S Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # EAY/AY5335S
Description  Single Color ?5 Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EAY/AY5335S Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  EAY/AY5335S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Page 1
5335S Series
Single Color φ5 Round Shape Type
Recommended Applications
・Outer Dimension φ5 Round shape type
・Operation temperature range.
Storage Temperature
:-30℃~100℃
Operating Temperature
:-30℃~85℃
・Lead–free soldering compatible
・RoHS compliant
Dominant wavelength
Green
: 558nm (EBG/BG) ,567nm (EPG/PG)
Yellow Green
: 572nm (EPY/PY)
Yellow
: 590nm (EAY/AY)
Orange
: 606nm (EAA/AA)
Red
: 624nm (EVR/VR)
647nm (EBR/BR)
630nm (PR)
Product features
Half Intensity Angle
Die materials
EBG/BG,EPG/PG, EPY/PY,PR : GaP
EAY/AY,EAA/AA,EVR/VR : GaAsP
BR/BR : GaAlAs
EBG/BG,EPG/PG,EPY/PY,EAA/AA,PR : 44 deg.
EAY/AY,EVR/VR,EBR/BR : 42 deg.
Features
Package
φ5 Round shape type,
EBG/BG,EPG/PG : Green Diffused epoxy
EPY/PY,EAY/AY : Yellow Diffused epoxy
EAA/AA : Orange Diffused epoxy
EVR/VR,EBR/BR,PR : Red Diffused epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV (HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
2006.7.31


Similar Part No. - EAY/AY5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EAY-AY5334S STANLEY-EAY-AY5334S Datasheet
2Mb / 33P
Single Color ?5 Round Shape Type
EAYAY5335S STANLEY-EAYAY5335S Datasheet
2Mb / 33P
Single Color 5 Round Shape Type
More results

Similar Description - EAY/AY5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
Single Color ?5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
Single Color 5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
Single Color 5 Round Shape Type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
Single Color ?5 Round Shape Type
EPY5334S STANLEY-EPY5334S Datasheet
2Mb / 33P
Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com