Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAY/AY5335S Datasheet(PDF) 32 Page - STANLEY ELECTRIC CO.,LTD.

Part # EAY/AY5335S
Description  Single Color ?5 Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EAY/AY5335S Datasheet(HTML) 32 Page - STANLEY ELECTRIC CO.,LTD.

Back Button EAY/AY5335S Datasheet HTML 25Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 26Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 27Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 28Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 29Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 30Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 31Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 32Page - STANLEY ELECTRIC CO.,LTD. EAY/AY5335S Datasheet HTML 33Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Single Color φ5 Round Shape Type
Page 32
Reliability Testing Result
Failure Criteria
5335S Series
2007.8.31
Reliability Testing
Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = Maxium Rated Current
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(302)
260±5℃, 3mm from package base
10s
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
5 cycles
0/25
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/25
Lead Tension
EIAJ ED-
4701/400(401)
10N,1time (
□
0.4 and Flat Package : 5N)
10s
0/10
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF Value of each product
Luminous Intensity
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com