Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL536PAPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ76PL536PAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 9Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
bq76PL536
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range, VMAX
BAT1(2)
–0.3 to 36
V
BAT voltage to any other pin
BAT to any pin
–0.3 to 36
V
VC1–VC6
–0.3 to 36
VC0
–0.3 to 2
VCn to VCn-1, n=1 to 6
0 to 36
TS1+, TS1–, TS2+, TS2–
–0.3 V to 6
Input voltage range, VIN
V
GPAI
–0.3 to 6
GPIO
–0.3 to VREG50 + 0.3
DRDY_N, SDO_N, FAULT_N, ALERT_N
–0.3 to 36
CONV_S, SDI_S, SCLK_S, CS_S
–2 to 1
CONV_N, SDI_N, SCLK_N, CS_N
–0.3 to 36
DRDY_S, SDO_S, FAULT_S, ALERT_S
–0.3 to 5
Output voltage range, VO
GPIO
–0.3 to VREG50 + 0.3
V
CB1…CB6 (CBREF = 0x00)
–0.3 to 36
REG50, AUX
–0.3 to 6
Junction temperature
150
°C
Storage temperature range, TSTG
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to VS of this device except VCn–VC(n+1), where n = 1 to 6 cell voltage.
RECOMMENDED OPERATING CONDITIONS
Typical values stated where TA = 25ºC and BAT = 20 V, Min/Max values stated where TA = –40˚C to 85ºC and BAT = 7.2 V to
30 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBAT
Supply voltage
BAT
7.2
27
V
VCn–VC(n – 1)(1)
1
4.5
GPAI
0
2.5
GPIO
0
VREG50
VC(n –
VI
Input voltage range
CBn(1)
VCn
V
1)
TS1+, TS1–, TS2+, TS2–
0
VREG50/2
DRDY_N, SDO_N, FAULT_N, ALERT_N
BAT + 1
CONV_S, SDI_S, SCLK_S, CS_S
–1
CONV_N, SDI_N, SCLK_N, CS_N
BAT – 1
VO
Output voltage range
V
DRDY_S, SDO_S, FAULT_S, ALERT_S
1
CREG50
External capacitor
REG50 pin
2.2
µF
CVREF
External capacitor
VREF pin
9.2
10
15
µF
CLDO
External capacitor
LDOx pin
2.2
3.3
µF
TOPR
Operating temperature(2)
–40
85
°C
(1)
n = 1 to 6
(2)
Device specifications stated within this range.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com