Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL536PAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 1 Page - Texas Instruments

  BQ76PL536PAPR Datasheet HTML 1Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
bq76PL536
www.ti.com
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and
HEV Applications
Check for Samples: bq76PL536
1
FEATURES
APPLICATIONS
•
Uninterruptible Power Systems (UPS)
2
•
3 to 6 Series Cell Support, All Chemistries
•
E-Bike and E-Scooter
•
Hot-Pluggable
•
Large-Format Battery Systems
•
High-Speed SPI for Data Communications
•
Electric and Hybrid Electric Vehicles
•
Stackable Vertical Interface
•
No Isolation Components Required Between
DESCRIPTION
ICs
The bq76PL536 is a stackable three to six series cell
•
Industrial Temperature Range, –40°C to 85°C
lithium-ion battery pack protector and analog front
•
High-Accuracy Analog-to-Digital Converter
end
(AFE)
that
incorporates
a
precision
(ADC):
analog-to-digital converter (ADC); independent cell
voltage and temperature protection; cell balancing,
–
±3 mV Typical accuracy
and a precision 5-V regulator to power user circuitry.
–
14-Bit Resolution, 6-µs Conversion Time
The bq76PL536 integrates a voltage translation and
–
Nine ADC Inputs: 6 Cell Voltages, 1 Six-Cell
precision
analog-to-digital
converter
system
to
Brick Voltage, 2 Temperatures, 1
measure battery cell voltages with high accuracy and
General-Purpose Input
speed.
–
Dedicated Pins for Synchronizing
The bq76PL536 provides full protection (secondary
Measurements
protection)
for
overvoltage,
undervoltage,
and
•
Configuration Data Stored in ECC-OTP
overtemperature conditions. When safety thresholds
Registers
are exceeded, the bq76PL536 sets the FAULT
•
Built-In Comparators (Secondary Protector)
output. No external components are needed to
for:
configure or enable the protection features.
–
Over- and Undervoltage Protection
Cell voltage and temperature protection functions are
independent of the ADC system. Programmable
–
Overtemperature Protection
protection thresholds and detection delay times are
–
Programmable Thresholds and Delay Times
stored in Error Check/Correct (ECC) OTP EPROM,
–
Dedicated Fault Output Signals for OV, UV,
which increases the flexibility and reliability of the
OT
battery management system.
•
Cell Balancing Control Outputs With Safety
The bq76PL536 is intended to be used with a host
Timeout
controller to maximize the functionality of the battery
–
Balance Current Set by External
management
system.
However,
the
protection
Components
functions do not require a host controller.
•
Supply Voltage Range from 6 V to 30 V
The bq76PL536 can be stacked vertically to monitor
Continuous and 36 V Peak
up
to
192
cells
without
additional
isolation
components
between
ICs.
A
high-speed
serial
•
Low Power:
peripheral interface (SPI) bus operates between each
–
Typical 12-µA Sleep, 45-µA Idle
bq76PL536
to
provide
reliable
communications
•
Integrated Precision 5-V, 3-mA LDO
through a high-voltage battery cell stack.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ76PL536PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
bq76PL536APAP TI-bq76PL536APAP Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
More results

Similar Description - BQ76PL536PAPR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
logo
Texas Instruments
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536ATPAPRQ1 TI1-BQ76PL536ATPAPRQ1 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
Cell Lithium-Ion Battery Monitor and Secondary Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com