Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB3210 Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB3210_1 Datasheet HTML 36Page - Texas Instruments TUSB3210_1 Datasheet HTML 37Page - Texas Instruments TUSB3210_1 Datasheet HTML 38Page - Texas Instruments TUSB3210_1 Datasheet HTML 39Page - Texas Instruments TUSB3210_1 Datasheet HTML 40Page - Texas Instruments TUSB3210_1 Datasheet HTML 41Page - Texas Instruments TUSB3210_1 Datasheet HTML 42Page - Texas Instruments TUSB3210_1 Datasheet HTML 43Page - Texas Instruments TUSB3210_1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
www.ti.com
4
Application
4.1
Examples
TUSB3210
P3.2
P3.3
P3.4
P3.5
VCC
C3
R1
R2
R3
R5
VCC
EPROM
VCC
VCC
1.8VDD
VREN
SUSP
C4
C5
X1
X2
SCL
SDA
TUSB3210
C2
VR
TPS76333
C1
5 V
3.3 V
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Figure 4-1 illustrates the port-3 pins that are assigned to drive the four example LEDs. For the connection
example shown, P3[5:2] can sink up to 8 mA each (open-drain outputs). Figure 4-2 illustrates the partial
connection bus power mode. Figure 4-3 shows the USB upstream connection, and Figure 4-4 illustrates
the downstream connection (only one port shown).
Figure 4-1. Example LED Connection
Figure 4-2. Partial Connection Bus Power Mode
Application
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com