Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB3210 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB3210_1 Datasheet HTML 37Page - Texas Instruments TUSB3210_1 Datasheet HTML 38Page - Texas Instruments TUSB3210_1 Datasheet HTML 39Page - Texas Instruments TUSB3210_1 Datasheet HTML 40Page - Texas Instruments TUSB3210_1 Datasheet HTML 41Page - Texas Instruments TUSB3210_1 Datasheet HTML 42Page - Texas Instruments TUSB3210_1 Datasheet HTML 43Page - Texas Instruments TUSB3210_1 Datasheet HTML 44Page - Texas Instruments TUSB3210_1 Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
www.ti.com
3.3 V
1.5 k
Ω
D+
D-
DP0
DM0
1.5 k
Ω
D+
D-
DP0
DM0
Bus PWR
(5 V)
PUR
(a)
(b)
4.2
Reset Timing
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
Figure 4-3. Upstream Connection (a) Non-Switching Power Mode (b) Switching Power Mode
There are three requirements for the reset signal timing. First, the minimum reset pulse duration is 100
μs.
At power up, this time is measured from the time the power ramps up to 90% of the nominal VCC until the
reset signal exceeds 1.2 V. The second requirement is that the clock must be valid during the last 60
μs of
the reset window. The third requirement is that, according to the USB specification, the device must be
ready to respond to the host within 100 ms. This means that within the 100-ms window, the device must
come out of reset, load any pertinent data from the I2C EEPROM device, and transfer execution to the
application firmware if any is present. Because the latter two events can require significant time, the
amount of which can change from system to system, TI recommends having the device come out of reset
within 30 ms, leaving 70 ms for the other events to complete. This means the reset signal should rise to
1.8 V within 30 ms.
These requirements are depicted in Figure 4-4. Notice that when using a 12-MHz crystal or the 48-MHz
oscillator, the clock signal may take several milliseconds to ramp up and become valid after power up.
Therefore, the reset window may need to be elongated up to 10 ms or more to ensure that there is a
60-
μs overlap with a valid clock.
Submit Documentation Feedback
Application
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com