Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705P9MP Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9MP
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9MP Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 160 page
background image
Resets and Interrupts
Resets
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Resets and Interrupts
67
Figure 5-2. Power-On Reset Timing
5.2.2 External Reset
A logic zero applied to the RESET pin for one and one-half t
CYC
generates an external reset. A Schmitt trigger senses the logic level at
the RESET pin.
Figure 5-3. External Reset Timing
1FFE
4064 tCYC
VDD
OSC1 PIN
INTERNAL
CLOCK
INTERNAL
ADDRESS BUS
Notes:
INTERNAL
DATA BUS
1FFE
1FFE
1FFE
1FFE
1FFE
1FFF
(NOTE 1)
1. Power-on reset threshold is typically between 1 V and 2 V.
2. Internal clock, internal address bus, and internal data bus are not available externally.
NEW
PCH
NEW
PCL
Table 5-1. External Reset Timing
Characteristic
Symbol
Min
Max
Unit
RESET Pulse Width
tRL
1.5
—
tCYC
INTERNAL
CLOCK
INTERNAL
ADDRESS BUS
Notes:
INTERNAL
DATA BUS
1FFE
1FFE
1FFE
1FFE
1FFF
NEW PC
1. Internal clock, internal address bus, and internal data bus are not available externally.
2. The next rising edge of the internal clock after the rising edge of RESET initiates the reset sequence.
NEW
PCH
tRL
NEW PC
NEW
PCL
DUMMY
OP
CODE
RESET
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com