Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705P9MP Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9MP
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9MP Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9MP Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705P9MP Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 160 page
background image
Low Power Modes
Stop Mode
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Low Power Modes
77
Figure 6-2 shows the sequence of events caused by the STOP
instruction.
Figure 6-2. STOP Instruction Flowchart
STOP
CLEAR I BIT IN CCR
RESET?
YES
TURN ON OSCILLATOR
EXTERNAL
NO
(1) LOAD PC WITH RESET VECTOR
OR
(2) SERVICE INTERRUPT
a. SAVE CPU REGISTERS ON STACK
b. SET I BIT IN CCR
c. LOAD PC WITH INTERRUPT VECTOR
DELAY 4064 CYCLES
TO STABILIZE
INTERRUPT?
CLEAR TIMER INTERRUPT FLAGS AND TIMER INTERRUPT ENABLE BITS
CLEAR TIMER PRESCALER
TURN OFF OSCILLATOR
YES
NO
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com