Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2153 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2153
Description  CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2153 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2153 Datasheet HTML 1Page - RF Micro Devices RF2153 Datasheet HTML 2Page - RF Micro Devices RF2153 Datasheet HTML 3Page - RF Micro Devices RF2153 Datasheet HTML 4Page - RF Micro Devices RF2153 Datasheet HTML 5Page - RF Micro Devices RF2153 Datasheet HTML 6Page - RF Micro Devices RF2153 Datasheet HTML 7Page - RF Micro Devices RF2153 Datasheet HTML 8Page - RF Micro Devices RF2153 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-171
RF2153
Rev A18 001114
2
Application Schematic
US - CDMA
150
Ω
1.5 nH
8 pF
10 nF
10 pF
10 nF
15 pF
15 pF
RF IN
15 pF
1 k
Ω
15 pF
Tied together for optimum linearity
L4
15 nH
1
2
3
4
5
13
12
11
10
9
678
16
14
15
VREG
VMODE
V
CC
4.7 pF**
2.2**
15 pF
RF OUT
12 nH*
15 pF
10 nF
1 pF
47
Ω
TL
1
TL
2
TL
3
CDMA (US)
Transmission
Line Length
TL
1
20 mils
100 mils
20 mils
TL
2
TL
3
* High Q inductor (i.e., Coilcraft 0805HQ-series).
**High Q capacitors (i.e., Johanson C-series).
27
Ω
1st Interstage tuning to
match input return loss
Bypassing for V
CC
2nd Interstage tuning for
centering frequency response
Ground for 2nd
Harmonic Trap
Matching Network for
optimum load impedance
Bypassing for
V
REG1 and VREG2
To match input return loss
and vary gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com