Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2153 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2153
Description  CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2153 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2153 Datasheet HTML 1Page - RF Micro Devices RF2153 Datasheet HTML 2Page - RF Micro Devices RF2153 Datasheet HTML 3Page - RF Micro Devices RF2153 Datasheet HTML 4Page - RF Micro Devices RF2153 Datasheet HTML 5Page - RF Micro Devices RF2153 Datasheet HTML 6Page - RF Micro Devices RF2153 Datasheet HTML 7Page - RF Micro Devices RF2153 Datasheet HTML 8Page - RF Micro Devices RF2153 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
!
2-167
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
13
12
11
10
9
GND2
VCC1
RFIN
RF OUT
RF OUT
RF OUT
678
16
14
15
RF2153
CDMA/TDMA/PACS
1900MHZ 3V POWER AMPLIFIER
• PACS Handsets and Base Stations
• 3V 1850-1910MHz CDMA PCS Handsets
• 3V 1750-1780MHz CDMA PCS Handsets
• 3V TDMA PCS Handsets
• Spread-Spectrum Systems
• Commercial and Consumer Systems
The RF2153 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 3 V CDMA
and TDMA handheld digital equipment, spread-spectrum
systems, and other applications in the 1750 MHz to
1910 MHz band. The device is packaged in a compact
4 mmx4mm (LCC). The device’s frequency response can
be optimized for linear performance in the 1750MHz to
1910 MHz band.
• Single 3V Supply
• 29dBm Linear Output Power
• 30dB Linear Gain
• 33% Linear Efficiency CDMA
• 40% Linear Efficiency TDMA
• On-board Power Down Mode
RF2153
CDMA/TDMA/PACS 1900MHz 3V Power Amplifier
RF2153 PCBA
Fully Assembled Evaluation Board
2
Rev A18 001114
ALL SOLDER PAD TOLERANCES P0.05mm
1.50 sq.
2.00
0.28
0.13
0.80
0.40
sq.
0.38
1.50
1.20
4.20
3.95
3.50
3.35
4.20
3.95
3.50
3.35
1
Package Style: MP16KO1A


Similar Part No. - RF2153

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-J RFMD-RF2152PCBA-J Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-N RFMD-RF2152PCBA-N Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
More results

Similar Description - RF2153

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com