Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC189AEVB-2 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC189AEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189AEVB-2 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC189AEVB-2 Datasheet HTML 14Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 15Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 16Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 17Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 18Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 19Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 20Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 21Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
18
SC189
Applications Information (continued)
Table 2b – Recommended L and output capacitors for Vout=1.8V to 3.3V
Table 2a – Recommended L and output capacitors for Vout=1.0V to 1.5V
Description
Vender
Part Number
Description
Vender
Part Number
Qty.
2.2uH, 60m
(max)
Wire Wound
2.8x3.0x1.5(mm)
TOKO
1071AS-2R2N
10uF,6.3V
X5R,0805
Murata
GRM21BR60J106K
1
1.0uH, 40m
(max)
Wire Wound
2.8x3.0x1.5(mm)
TOKO
1071AS-1R0N
22uF,6.3V
X5R,0805
Murata
GRM21BR60J226M
1
22uF,6.3V
X5R,0805
Murata
GRM21BR60J226M
1
10uF,6.3V
X5R,0805
Murata
GRM219R60J106K
1
22uF,6.3V
X5R,0805
Murata
GRM21BR60J226M
1
10uF,4.0V
X5R,0603
Murata
GRM188R60G106M
2
Output Capacitor
TOKO
1.0uH, 80m
(max)
Multilayer Chip
2.5x2.0x1.0(mm)
Vout Code (Vout)
A(1.0V),B(1.1V),C(1.2V),E(1.28V),F(1.3V),H(1.5V)
Murata
LQM2HPN1R0MG0
Inductor
1.0uH, 69m
(max)
Multilayer Chip
2.5x2.0x1.0(mm)
MDT2520-CR1R0M
Description
Vender
Part Number
Description
Vender
Part Number
Qty.
2.2uH, 60m
(max)
Wire Wound
2.8x3.0x1.5(mm)
TOKO
1071AS-2R2N
10uF,6.3V
X5R,0805
Murata
GRM21BR60J106K
1
1.0uH, 40m
(max)
Wire Wound
2.8x3.0x1.5(mm)
TOKO
1071AS-1R0N
22uF,6.3V
X5R,0805
Murata
GRM21BR60J226M
1
22uF,6.3V
X5R,0805
Murata
GRM21BR60J226M
1
10uF,4.0V
X5R,0603
Murata
GRM188R60G106M
2
Output Capacitor
1.0uH, 80m
(max)
Multilayer Chip
2.5x2.0x1.0(mm)
TOKO
MDT2520-CR1R0M
Inductor
Vout Code (Vout)
L(1.8V),N(2.0V),T(Y)(2.5V),V(2.7V),Z(3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com