Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC189AEVB-2 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC189AEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189AEVB-2 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC189AEVB-2 Datasheet HTML 15Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 16Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 17Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 18Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 19Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 20Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 21Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 22Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
19
SC189
Applications Information (continued)
compensation is designed to work with a output filter
corner frequency of less than 100kHz over any operating
condition, tolerance and bias effect. The corner frequency
of output filter can be defined by the equation
OUT
C
C
L
f
2
1
Values outside this range may lead to instability,
malfunction, or out-of-specification performance.
When choosing an inductor, it is important to consider
the change in inductance with DC bias current. The
inductor saturation current is specified as the current at
which the inductance drops a specific percentage from
the nominal value. This is approximately 30%. Except for
short-circuit or other fault conditions, the peak current
must always be less than the saturation current specified
by the manufacturer. The peak current is the maximum
load current plus one half of the inductor ripple current at
the maximum input voltage. Load and/or line transients
can cause the peak current to exceed his level for short
durations. Maintaining the peak current below the
inductor saturation specification keeps the inductor ripple
current and the output voltage ripple at acceptable levels.
Manufacturers often provide graphs of actual inductance
and saturation characteristics versus applied inductor
current. The saturation characteristics of the inductor can
varysignificantlywithcoretemperature.Coreandambient
temperatures should be considered when examining the
core saturation characteristics.
When the inductance has been determined, the DC
resistance (DCR) must be examined. The efficiency that
can be achieved is dependent on the DCR of the inductor.
The lower values give higher efficiency. The RMS DC
current rating of the inductor is associated with losses in
the copper windings and the resulting temperature rise of
the inductor. This is usually specified as the current which
produces a 40˚C temperature rise. Most copper windings
are rated to accommodate this temperature rise above
maximum ambient.
Magnetic fields associated with the output inductor can
interfere with nearby circuitry. This can be minimized by
the use of low noise shielded inductors which use the
minimum gap possible to limit the distance that magnetic
fields can radiate from the inductor. However shielded
inductors typically have a higher DCR and are thus less
efficient than a similar sized non-shielded inductor.
TheSC189iscompatiblewithsmallshieldedchipinductors
for low cost, low profile applications. The inductance roll
off characteristic of chip inductor is worse resulting in
high ripple current and increased output voltage ripple
at heavy load operation. SC189 has OCP peak inductor
current threshold of 2.0A minimum, to support 1.5A DC
load current, the inductor ripple current at 1.5A DC load
current needs to be less than 1A.
Final inductor selection depends on various design
considerations such as efficiency, EMI, size, and cost. Table
2aand2blistthemanufacturersofrecommendedinductor
and output capacitors. Chip inductors provide smaller
footprint and height with lower efficiency and increased
output voltage ripple. Transient load performance is
equivalent to wire wound inductors. Figure 6 shows the
typical efficiency curves for different inductors.
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.3
0.6
0.9
1.2
1.5
Output Current (A)
VIN= 5.0V
VOUT= 3.3V
TA=25°C
L=1071AS-1R0N (33m
_typ)
L=1071AS-2R2N (50m
_typ)
L=LQM2HP1R0MG0 (55m
_typ)
L=MDT2520-CR1R0M (60m
_typ)
Figure 6 — Typical efficiency curves
(V
IN=5.0V, VOUT=3.3V)
C
OUT Selection
TheinternalvoltageloopcompensationintheSC189limits
the minimum output capacitor value to 10μF if using the
inductor of 2.2μH. This is due to its influence on the the
loop crossover frequency, phase margin, and gain margin.
Increasing the output capacitor above this minimum
value will reduce the crossover frequency and provide
greater phase margin. A total output capacintance should
not exceed 30uF to avoid any start-up problems. For most
typical applications, it is recommended to use output
capacitance of 10uF to 22uF. When choosing output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com