Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5445EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD5445EBZ
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5445EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD5445EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 18 of 32
VREF
±10V
VDD
VDD
R/W
R2
R1
R3
20k
Ω
R4
10k
Ω
R5
20k
Ω
IOUT1
IOUT2
CS
RFB
GND
C1
A1
A2
AGND
DATA
INPUTS
VOUT =–VREF TO +VREF
AD5424/
AD5433/
AD5445
R1 AND R2 ARE USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC.
MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS R3 AND R4.
C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED IF A1/A2 IS
A HIGH SPEED AMPLIFIER.
NOTES:
1.
2.
3.
VREF
Figure 50. Bipolar Operation (4-Quadrant Multiplication)
BIPOLAR OPERATION
In some applications, it may be necessary to generate full
4-quadrant multiplying operation or a bipolar output swing.
This can be easily accomplished by using another external
amplifier and some external resistors, as shown in Figure 50. In
this circuit, the second amplifier, A2, provides a gain of 2.
Biasing the external amplifier with an offset from the reference
voltage, results in full 4-quadrant multiplying operation. The
transfer function of this circuit shows that both negative and
positive output voltages are created as the input data (D) is
incremented from code zero (VOUT = –VREF) to midscale (VOUT =
0 V) to full scale (VOUT = +VREF).
()
REF
n
REF
OUT
V
D
V
V
−
×
=
−1
2
/
where D is the fractional representation of the digital word
loaded to the DAC and n is the resolution of the DAC.
D = 0 to 255 (8-bit AD5424)
= 0 to 1023 (10-bit AD5433)
= 0 to 4095 (12-bit AD5445)
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication.
Table 8 shows the relationship between digital code and the
expected output voltage for bipolar operation (AD5424,
8-bit device).
Table 8. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (127/128)
1000 0000
0
0000 0001
–VREF (127/128)
0000 0000
–VREF (128/128)
Stability
In the I-to-V configuration, the IOUT of the DAC and the
inverting node of the op amp must be connected as closely as
possible and proper PCB layout techniques must be employed.
Since every code change corresponds to a step function, gain
peaking may occur if the op amp has limited GBP and there is
excessive parasitic capacitance at the inverting node. This
parasitic capacitance introduces a pole into the open-loop
response, which can cause ringing or instability in closed-
loop applications.
An optional compensation capacitor, C1, can be added in
parallel with RFB for stability, as shown in Figure 49 and
Figure 50. Too small a value of C1 can produce ringing at the
output, while too large a value can adversely affect the settling
time. C1 should be found empirically, but 1 pF to 2 pF is
generally adequate for compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com